Electronic Components Datasheet Search
  English  ▼

X  

CS4396 Datasheet(PDF) 12 Page - Cirrus Logic

Part # CS4396
Description  24-Bit, 192 kHz D/A Converter for Digital Audio?
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4396 Datasheet(HTML) 12 Page - Cirrus Logic

Back Button CS4396 Datasheet HTML 8Page - Cirrus Logic CS4396 Datasheet HTML 9Page - Cirrus Logic CS4396 Datasheet HTML 10Page - Cirrus Logic CS4396 Datasheet HTML 11Page - Cirrus Logic CS4396 Datasheet HTML 12Page - Cirrus Logic CS4396 Datasheet HTML 13Page - Cirrus Logic CS4396 Datasheet HTML 14Page - Cirrus Logic CS4396 Datasheet HTML 15Page - Cirrus Logic CS4396 Datasheet HTML 16Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
CS4396
12
DS288PP1
3.0 REGISTER DESCRIPTION
3.1 DIFFERENTIAL DC OFFSET CALIBRATION
Mode Control Register (address 01h)
Access:
R/W in I2C and SPI.
Default:
0 - Disabled
Function:
Enabling this function will initiate a calibration to minimize the differential DC offset. This function will be
automatically reset following completion of the calibration sequence.
3.2 SOFT MUTE
Mode Control Register (address 01h)
Access:
R/W in I2C and SPI.
Default:
0 - Enabled
Function:
The analog outputs will ramp to a muted state when enabled. The ramp requires 1152 left/right clock cy-
cles in Single Speed, 2304 cycles in Double Speed and 4608 cycles in Quad Speed mode. The bias volt-
age on the outputs will be retained and MUTEC will go low at the completion of the ramp period.
The analog outputs will ramp to a normal state when this function transitions from the enabled to disabled
state. The ramp requires 1152 left/right clock cycles in Single Speed, 2304 cycles in Double Speed and
4608 cycles in Quad Speed mode. The MUTEC will go high immediately on disabling of MUTE.
765
4321
0
CAL
MUTE
M4
M3
M2
M1
M0
PDN
CAL
MODE
0
Disabled : CAL complete
1
Enabled : CAL initiated
Table 1.
765
4321
0
CAL
MUTE
M4
M3
M2
M1
M0
PDN
MUTE
MODE
0
Enabled
1
Disabled
Table 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com