Electronic Components Datasheet Search
  English  ▼

X  

CS4396 Datasheet(PDF) 17 Page - Cirrus Logic

Part # CS4396
Description  24-Bit, 192 kHz D/A Converter for Digital Audio?
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4396 Datasheet(HTML) 17 Page - Cirrus Logic

Back Button CS4396 Datasheet HTML 13Page - Cirrus Logic CS4396 Datasheet HTML 14Page - Cirrus Logic CS4396 Datasheet HTML 15Page - Cirrus Logic CS4396 Datasheet HTML 16Page - Cirrus Logic CS4396 Datasheet HTML 17Page - Cirrus Logic CS4396 Datasheet HTML 18Page - Cirrus Logic CS4396 Datasheet HTML 19Page - Cirrus Logic CS4396 Datasheet HTML 20Page - Cirrus Logic CS4396 Datasheet HTML 21Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
CS4396
DS288PP1
17
Common Mode Voltage - CMOUT
Pin 25, Output
Function:
Filter connection for internal bias voltage, typically 50% of VREF. Capacitors must be connected from
CMOUT to analog ground, as shown in Figure 4. CMOUT has a typical source impedence of 25 k
Ω and
any current drawn from this pin will alter device performance
Reference Ground - FILT-
Pin 26, Input
Function:
Ground reference for the internal sampling circuits. Must be connected to analog ground.
Reference Filter - FILT+
Pin 27, Output
Function:
Positive reference for internal sampling circuits. External capacitors are required from FILT+ to analog
ground, as shown in Figure 4. The recommended values will typically provide 60 dB of PSRR at 1 kHz
and 40 dB of PSRR at 120 Hz. FILT+ is not intended to supply external current.
Voltage Reference Input- VREF
Pin 28, Input
Function:
Analog voltage reference. Typically 5VDC.
HARDWARE MODE
Mode Select - M0, M1, M2, M3, M4
Pins 2, 3, 4, 5 and 14, Inputs
Function:
The Mode Select pins determine the operational mode of the device as detailed in Tables 7-10. The op-
tions include;
Selection of the Digital Interface Format which determines the required relationship between the
Left/Right clock, serial clock and serial data as detailed in Figures 20-23
Selection of the standard 15
µs/50 µs digital de-emphasis filter response, Figure 28, which requires re-
configuration of the digital filter to maintain the proper filter response for 32, 44.1 or 48 kHz sample rates.
Selection of the appropriate clocking mode to match the input sample rates.
CONTROL PORT MODE
Address Bit 0 / Chip Select - AD0 / CS
Pin 2, Input
Function:
In I2C mode, AD0 is a chip address bit. CS is used to enable the control port interface in SPI mode. The
device will enter the SPI mode at anytime a high to low transition is detected on this pin. Once the device
has entered the SPI mode, it will remain until either the part is reset or undergoes a power-down cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com