Electronic Components Datasheet Search
  English  ▼

X  

CS4396 Datasheet(PDF) 20 Page - Cirrus Logic

Part # CS4396
Description  24-Bit, 192 kHz D/A Converter for Digital Audio?
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4396 Datasheet(HTML) 20 Page - Cirrus Logic

Back Button CS4396 Datasheet HTML 16Page - Cirrus Logic CS4396 Datasheet HTML 17Page - Cirrus Logic CS4396 Datasheet HTML 18Page - Cirrus Logic CS4396 Datasheet HTML 19Page - Cirrus Logic CS4396 Datasheet HTML 20Page - Cirrus Logic CS4396 Datasheet HTML 21Page - Cirrus Logic CS4396 Datasheet HTML 22Page - Cirrus Logic CS4396 Datasheet HTML 23Page - Cirrus Logic CS4396 Datasheet HTML 24Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
CS4396
20
DS288PP1
6.0 CONTROL PORT INTERFACE
The control port is used to load all the internal settings of the CS4396. The operation of the control port
may be completely asynchronous to the audio sample rate. However, to avoid potential interference prob-
lems, the control port pins should remain static if no operation is required.
The control port has 2 modes: SPI and I2C, with the CS4396 operating as a slave device in both modes. If
I2C operation is desired, AD0/CS should be tied to VD or DGND. If the CS4396 ever detects a high to low
transition on AD0/CS after power-up, SPI mode will be selected.
6.1 SPI Mode
In SPI mode, CS is the CS4396 chip select signal, CCLK is the control port bit clock, CDIN is the input
data line from the microcontroller, CDOUT is the data output and the chip address is 0010000. The data
is clocked on the rising edge of CCLK.
Figure 5 shows the operation of the control port in SPI mode. To write to a register, bring CS low. The first
7 bits on CDIN form the chip address, and must be 0010000. The eighth bit is a read/write indicator (R/W).
The next 8 bits form the Memory Address Pointer (MAP), which is set to 01h. The next 8 bits are the data
which will be placed into the register designated by the MAP.
6.2 I2C Mode
In I2C mode, SDA is a bi-directional data line. Data is clocked into and out of the part by the clock, SCL,
with the clock to data relationship as shown in Figure 2. There is no CS pin. Pins AD0 and AD1 form the
partial chip address and should be tied to VD or DGND as required. The 7-bit address field, which is the
first byte sent to the CS4396, must be 00100(AD1)(AD0) where (AD1) and (AD0) match the setting of the
AD0 and AD1 pins. The eighth bit of the address byte is the R/W bit (high for a read, low for a write). If
the operation is a write, the next byte is the Memory Address Pointer, MAP, which selects the register to
be read or written. The MAP is then followed by the data to be written. If the operation is a read, then the
contents of the register pointed to by the MAP will be output after the chip address.
For more information on I2C, please see “The I2C-Bus Specification: Version 2.0”, listed in the References
section.
Memory Address Pointer (MAP)
INCR (Auto MAP Increment Enable)
MAP0-2 (Memory Address Pointer)
Default = ‘0’
Default = ‘001’
0 - Disabled
1 - Enabled
765
4321
0
INCR
Reserved
Reserved
Reserved
Reserved
MAP2
MAP1
MAP0
000
0000
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com