Electronic Components Datasheet Search
  English  ▼

X  

CS43L43 Datasheet(PDF) 10 Page - Cirrus Logic

Part # CS43L43
Description  Low Voltage,Stereo DAC With Headphone Amp
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L43 Datasheet(HTML) 10 Page - Cirrus Logic

Back Button CS43L43 Datasheet HTML 6Page - Cirrus Logic CS43L43 Datasheet HTML 7Page - Cirrus Logic CS43L43 Datasheet HTML 8Page - Cirrus Logic CS43L43 Datasheet HTML 9Page - Cirrus Logic CS43L43 Datasheet HTML 10Page - Cirrus Logic CS43L43 Datasheet HTML 11Page - Cirrus Logic CS43L43 Datasheet HTML 12Page - Cirrus Logic CS43L43 Datasheet HTML 13Page - Cirrus Logic CS43L43 Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
CS43L43
10
DS479PP3
3.6.1 Power-up
When the device is initially powered-up, the audio outputs, HP_A and HP_B, are clamped to GND.
Following a delay of approximately 1000 sample periods, each output begins to ramp toward the qui-
escent voltage. Approximately 10,000 LRCK cycles later, the outputs reach VQ and audio output be-
gins. This gradual voltage ramping allows time for the external DC-blocking capacitors to charge to
the quiescent voltage, minimizing the power-up transient.
3.6.2 Power-down
To prevent transients at power-down, the device must first enter its power-down state by setting the
RST pin low. When this occurs, audio output ceases and the internal output buffers are disconnected
from HP_A and HP_B. In their place, a soft-start current sink is substituted which allows the
DC-blocking capacitors to slowly discharge. Once this charge is dissipated, the power to the device
may be turned off and the system is ready for the next power-on.
3.6.3 Discharge Time
To prevent an audio transient at the next power-on, the DC-blocking capacitors must fully discharge
before turning on the power or exiting the power-down state. If full discharge does not occur, a tran-
sient will occur when the audio outputs are initially clamped to GND. The time that the device must
remain in the power-down state is related to the value of the DC-blocking capacitance and the output
load. For example, with a 220 µF capacitor and a 16
Ω load, the minimum power-down time will be
approximately 0.4 seconds.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com