Electronic Components Datasheet Search
  English  ▼

X  

CS43L43 Datasheet(PDF) 33 Page - Cirrus Logic

Part # CS43L43
Description  Low Voltage,Stereo DAC With Headphone Amp
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L43 Datasheet(HTML) 33 Page - Cirrus Logic

Back Button CS43L43 Datasheet HTML 28Page - Cirrus Logic CS43L43 Datasheet HTML 29Page - Cirrus Logic CS43L43 Datasheet HTML 30Page - Cirrus Logic CS43L43 Datasheet HTML 31Page - Cirrus Logic CS43L43 Datasheet HTML 32Page - Cirrus Logic CS43L43 Datasheet HTML 33Page - Cirrus Logic CS43L43 Datasheet HTML 34Page - Cirrus Logic CS43L43 Datasheet HTML 35Page - Cirrus Logic CS43L43 Datasheet HTML 36Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
CS43L43
DS479PP3
33
DC ELECTRICAL CHARACTERISTICS (GND = 0V; all voltages with respect to GND.)
DIGITAL INPUT CHARACTERISTICS AND SPECIFICATIONS (GND = 0V; all voltages
with respect to GND.)
THERMAL CHARACTERISTICS AND SPECIFICATIONS
Parameters
Symbol
Min
Typ
Max
Units
Normal Operation (Note 8)
Power Supply Current
VA=1.8V
VA_HP=1.8V
VL=1.8V
IA
IA_HP
ID_L
-
-
-
7.3
1.5
4
-
-
-
mA
mA
µA
Power Supply Current
VA=3.0V
VA_HP=3.0V
VL=3.0V
IA
IA_HP
ID_L
-
-
-
10.5
1.5
9.3
-
-
-
mA
mA
µA
Total Power Dissipation
All Supplies=1.8V
All Supplies=3.0V
-
-
16
36
20
50
mW
mW
Power-down Mode (Note 9)
Power Supply Current
VA=1.8V
VA_HP=1.8V
VL=1.8V
IA
IA_HP
ID_L
-
-
-
2.0
9.3
2.2
-
-
-
µA
µA
µA
Power Supply Current
VA=3.0V
VA_HP=3.0V
VL=3.0V
IA
IA_HP
ID_L
-
-
-
3.4
9.8
7.6
-
-
-
µA
µA
µA
Total Power Dissipation
All Supplies=1.8V
All Supplies=3.0V
-
-
24.3
62.4
-
-
µW
µW
All Modes of Operation
Power Supply Rejection Ratio (Note 10)
1 kHz
60 Hz
PSRR
-
-
60
40
-
-
dB
dB
VQ Nominal Voltage
Output Impedance
Maximum allowable DC current source/sink
VQ_HP
-
-
-
0.5•VA
250
0.01
-
-
-
V
k
Ω
mA
Filt+ Nominal Voltage
Output Impedance
Maximum allowable DC current source/sink
-
-
-
VA
250
0.01
-
-
-
V
k
Ω
mA
Parameters
Symbol
Min
Typ
Max
Units
Input Leakage Current
Iin
--
±10
µA
Input Capacitance
-
8
-
pF
High-Level Input Voltage
VIH
0.7 x VL
-
-
V
Low-Level Input Voltage
VIL
-
-
0.3 x VL
V
Parameters
Symbol
Min
Typ
Max
Units
Package Thermal Resistance
θJA
-75-
°C/Watt
Ambient Operating Temperature
(Power Applied)
TA
-10
-
+70
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com