Electronic Components Datasheet Search
  English  ▼

X  

CS43L43 Datasheet(PDF) 26 Page - Cirrus Logic

Part # CS43L43
Description  Low Voltage,Stereo DAC With Headphone Amp
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L43 Datasheet(HTML) 26 Page - Cirrus Logic

Back Button CS43L43 Datasheet HTML 22Page - Cirrus Logic CS43L43 Datasheet HTML 23Page - Cirrus Logic CS43L43 Datasheet HTML 24Page - Cirrus Logic CS43L43 Datasheet HTML 25Page - Cirrus Logic CS43L43 Datasheet HTML 26Page - Cirrus Logic CS43L43 Datasheet HTML 27Page - Cirrus Logic CS43L43 Datasheet HTML 28Page - Cirrus Logic CS43L43 Datasheet HTML 29Page - Cirrus Logic CS43L43 Datasheet HTML 30Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
CS43L43
26
DS479PP3
ANALOG CHARACTERISTICS (CS43L43-KZ, KZZ) (Continued)
Notes: 1. One-half LSB of triangular PDF dither is added to data.
Parameters
Min
Typ
Max
Units
Dynamic Performance for All Speed Modes
Interchannel Isolation
(1 kHz)
-
66
-
dB
DC Accuracy
Interchannel Gain Mismatch
-
0.1
-
dB
Gain Drift
-
±100
-
ppm/°C
Analog Output Characteristics
Full Scale Output Voltage
0.5•VA
0.55•VA
0.6•VA
Vpp
HP_x
GND
220 µF
V
out
R
L
C
L
+
Figure 10. Output Test Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com