Electronic Components Datasheet Search
  English  ▼

X  

CS43L43 Datasheet(PDF) 31 Page - Cirrus Logic

Part # CS43L43
Description  Low Voltage,Stereo DAC With Headphone Amp
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L43 Datasheet(HTML) 31 Page - Cirrus Logic

Back Button CS43L43 Datasheet HTML 27Page - Cirrus Logic CS43L43 Datasheet HTML 28Page - Cirrus Logic CS43L43 Datasheet HTML 29Page - Cirrus Logic CS43L43 Datasheet HTML 30Page - Cirrus Logic CS43L43 Datasheet HTML 31Page - Cirrus Logic CS43L43 Datasheet HTML 32Page - Cirrus Logic CS43L43 Datasheet HTML 33Page - Cirrus Logic CS43L43 Datasheet HTML 34Page - Cirrus Logic CS43L43 Datasheet HTML 35Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 36 page
background image
CS43L43
DS479PP3
31
SWITCHING CHARACTERISTICS - INTERNAL SERIAL CLOCK (Inputs: Logic “0” =
GND, Logic “1” = VL.)
Notes: 6. In Internal SCLK Mode, the LRCK duty cycle must be 50%
+/− 1/2 MCLK Period.
Parameters
Symbol
Min
Typ
Max
Units
Internal SCLK Mode
LRCK Duty Cycle
(Note 6)
-50
-
%
SCLK Period
tsclkw
--
s
SCLK rising to LRCK edge
tsclkr
--
s
SDATA valid to SCLK rising setup time
tsdlrs
--
ns
SCLK rising to SDATA hold time
Single-Speed Mode
tsdh
--
ns
Double-Speed Mode
tsdh
--
ns
1
SCLK
-----------------
tsclkw
2
------------------
1
512
()Fs
----------------------10
+
1
512
()Fs
----------------------15
+
1
384
(
)Fs
----------------------15
+
Figure 20. Internal Serial
Mode Input Timing
*The SCLK pulses shown are internal to the CS43L43.
SD A T A
*IN T E R N A L
SC L K
LR C K
sc lk w
t
sd lrs
t
sdh
t
sc lk r
t
SD A TA
LR C K
MC LK
*INT E R NA L S C LK
1
N
2
N
Figure 21. Internal Serial Clock Generation
* The SCLK pulses shown are internal to the CS43L43.
N equals MCLK divided by SCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com