Electronic Components Datasheet Search
  English  ▼

X  

CS4812 Datasheet(PDF) 18 Page - Cirrus Logic

Part # CS4812
Description  Fixed Function Multi-Effects Audio Processor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4812 Datasheet(HTML) 18 Page - Cirrus Logic

Back Button CS4812 Datasheet HTML 14Page - Cirrus Logic CS4812 Datasheet HTML 15Page - Cirrus Logic CS4812 Datasheet HTML 16Page - Cirrus Logic CS4812 Datasheet HTML 17Page - Cirrus Logic CS4812 Datasheet HTML 18Page - Cirrus Logic CS4812 Datasheet HTML 19Page - Cirrus Logic CS4812 Datasheet HTML 20Page - Cirrus Logic CS4812 Datasheet HTML 21Page - Cirrus Logic CS4812 Datasheet HTML 22Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
CS4812
18
DS291PP3
signal swing. DC control input voltages may range
from ground to Vcc.
ADC output data is in twos-complement binary
format. For inputs above full scale, the ADC digital
output saturates. The OVL output pin asserts when
the analog input is out-of-range.
3.2.2
Digital High Pass Filter
In DC coupled systems, a small DC offset may ex-
ist between the input circuitry and the A/D convert-
ers. The CS4812 includes a defeatable high pass
filter after the decimator to remove these DC com-
ponents. The high pass filter response is given in
“High Pass Filter Characteristics” on page 4 and
scales linearly with sample rate. In applications
where DC level measurement is required, as would
occur when one of the ADC inputs is used for mea-
surement of DC control voltages, the high pass fil-
ter may be disabled via a control port register.
Note: The high pass filter defeat operates on both
ADC inputs simultaneously therefore external DC
blocking must be provided in the design of the an-
alog audio input circuit.
3.3
Analog Outputs
3.3.1
Line Level Outputs
The CS4812 contains on-chip differential buffer
amplifiers that produce line level outputs capable
of driving 10 k
Ω loads to full scale. These amplifi-
ers internally biased to the CMOUT voltage of 2.3
V.
The recommended off-chip analog filter is a second
order Butterworth with a 3 dB corner at Fs. A third
order Butterworth filter with a -3 dB corner at 0.75
Fs can be used if greater out of band noise filtering
is desired. These filters can be easily integrated into
a differential-to-single-ended converter circuit as
shown in the 2-pole and 3-pole Butterworth filters
of Figure 12. The hardware mute circuit referenced
in Figure 12 is shown in Figure 13. Hardware mut-
ing is recommended on power-up and power-
down.
CS4812
AIN
AIN
150
22 µF
2.2 nF
100 µF
0.1 µF
+
Ω
Figure 11. Single Ended Input
2-Pole Butterworth Filter
BUFFERED
CMOUT
_
+
AOU T-
Line
Out
14.0 k
Ω
14.0 k
Ω
AOUT+
3.24 k
Ω
3.24 k
Ω
1000 pF
1000 pF
14.0 k
Ω
220 pF
220 pF
14.0 k
Ω
GND
+5 V
BUFFERED
CMOUT
_
+
Line
Out
AOU T+
AOU T-
220 pF
220 pF
2200 pF
2.8k
Ω
2.8k
Ω
2.8kΩ
2.8k
Ω
11.0k
Ω
11.0k
Ω
14.0k
Ω
14.0k
Ω
2200 pF
2200 pF
2200 pF
GND
+5 V
3-Pole Butterworth Filter
Output
Mute Ckt
Output
Mute Ckt
Figure 12. Butterworth Output Filters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com