| Electronic Components Datasheet Search |
|
CS4812 Datasheet(PDF) 22 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS4812 Datasheet(HTML) 22 Page - Cirrus Logic |
|
22 / 36 page ![]() CS4812 22 DS291PP3 should be issued by the bus master, thus complet- ing the transfer. 2. If data is written to the serial control port output register prior to the rising edge of CCLK for the D2 data bit, REQ will remain asserted. The bus master should continue to shift out this new byte. 3. If data is placed in the SCP output register by the DSP after the rising edge of CCLK for the D2 bit, REQ will be immediately re-asserted, thus creating a pulse on REQ. The byte in the SCP out register may be read by the bus master as part of the current transaction or may be read later as part of a new read transaction. The CS4812 has a MAP auto increment capability which allows block reads or writes of successive control port registers.This feature is enabled by set- ting the INCR bit in the MAP byte. During a write sequence, multiple bytes may be written by continuing to send data bytes to the CS4812 after the first data byte and before de-as- serting CS. If auto increment is disabled, the last data byte sent will appear in the register designated by the MAP. If auto increment is enabled, data bytes sent following the first data byte will be writ- ten to successive registers following that designat- ed in the MAP. SET CS LOW WRITE ADDRESS BYTE READ DATA BYTE MORE BYTES SET CS HIGH Y WRITE ADDRESS BYTE WRITE MAP BYTE N TOGGLE CS WITH R/W BIT = 0 WITH R/W BIT = 1 Figure 18. SPI Slave Mode Read Flow Diagram TO READ? Figure 19. SPI Slave Mode Read from DSP Core Flow Diagram using DSP REQ SET CS LOW WRITE ADDRESS BYTE READ DATA BYTE REQ STILL LOW? SET CS HIGH N Y WRITE ADDRESS BYTE WRITE MAP BYTE FOR REQ LOW? Y N TOGGLE CS WITH R/W BIT = 0 WITH R/W BIT = 1 DSP OUTPUT REGISTER (MAP = 0X27) FROM DSP OUTPUT REGISTER |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |