Electronic Components Datasheet Search
  English  ▼

X  

CS4812 Datasheet(PDF) 31 Page - Cirrus Logic

Part # CS4812
Description  Fixed Function Multi-Effects Audio Processor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4812 Datasheet(HTML) 31 Page - Cirrus Logic

Back Button CS4812 Datasheet HTML 27Page - Cirrus Logic CS4812 Datasheet HTML 28Page - Cirrus Logic CS4812 Datasheet HTML 29Page - Cirrus Logic CS4812 Datasheet HTML 30Page - Cirrus Logic CS4812 Datasheet HTML 31Page - Cirrus Logic CS4812 Datasheet HTML 32Page - Cirrus Logic CS4812 Datasheet HTML 33Page - Cirrus Logic CS4812 Datasheet HTML 34Page - Cirrus Logic CS4812 Datasheet HTML 35Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 36 page
background image
CS4812
DS291PP3
31
Serial Control Port
SCPM/S - Serial Control Port Master/Slave Select
Input: This pin configures the serial control port as a master if tied to VD or a slave if tied to DGND.
SPI/I2C - Serial Control Port Format Select
Input: This pin configures the control port for I2C format if tied to VD or SPI format if tied to DGND.
SCL/CCLK - Serial Control Port Clock
Bidirectional: This pin clocks serial control port data into and out of SDA in I2C mode. In SPI mode, it
clocks control port data into CDIN and out of CDOUT. When the serial control port is configured as a
master, SCL/CCLK is an output and is generated internally. When the serial control port is configured as
a slave, SCL/CCLK is an input and may operate asynchronously to the master clock.
AD0/CS - I2C Address Bit 0 / SPI Chip Select
Bidirectional: In I2C® mode, AD0 is an input and defines bit 0 of the partial chip address. The upper 5
bits of the 7-bit address must be 00100. In SPI mode, CS is the chip select pin. When the serial control
port is defined as a master in SPI mode, CS is an output. When the serial control port is defined as a
slave in SPI mode, CS is an input.
AD1/CDIN - I2C Address Bit 1 / SPI Data Input
Input: In I2C® mode, AD1 is an input and defines bit 1 of the partial chip address. The upper 5 bits of
the 7-bit address must be 00100. In SPI mode, CDIN is the serial control port data input and is clocked
in on the rising edge of CCLK.
SDA/CDOUT - I2C Data / SPI Data Output
Bidirectional: In I2C® mode, SDA is the bidirectional data I/O line. In SPI mode, CDOUT is the serial
control port data output and is clocked out on the falling edge of CCLK.
REQ - DSP Output Request
Output: This pin is used when the serial control port is configured for slave mode operation. This pin is
asserted when the DSP has written a byte to a register in the control port. When this register is read by
the master device, REQ is de-asserted.
Clock and Crystal
XTI, XTO - Crystal Oscillator Connections (Master Clock)
Input, Output: These pins provide connections for an external parallel resonant quartz crystal.
Alternately, an external clock source may be applied to XTI. The clock frequency must be 256xFs.
CLKOUT - Clock Output
Output: This pin provides a clock output which can be used to synchronize external components.
Available output frequencies 1xFs, 128xFs and 256xFs are selectable via a control port register. The
default frequency is 256xFs. It is recommended to externally buffer this signal with a CMOS gate as
shown in Figure 5.
Miscellaneous
PIO0:3 - General Purpose Inputs/Outputs
Bidirectional: These pins are general-purpose digital I/O pins. The Default state is input. The
functionality of these pins after boot-up is determined by the application firmware code loaded into the
device during the boot-up process.
RST - Reset
Input: This pin causes the device to enter a low power mode and forces all control port and i/o registers
to be reset to their default values. The control port can not be accessed when reset is low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com