Electronic Components Datasheet Search
  English  ▼

X  

CPC7581 Datasheet(PDF) 1 Page - Clare, Inc.

Part # CPC7581
Description  Line Card Access Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC7581 Datasheet(HTML) 1 Page - Clare, Inc.

  CPC7581 Datasheet HTML 1Page - Clare, Inc. CPC7581 Datasheet HTML 2Page - Clare, Inc. CPC7581 Datasheet HTML 3Page - Clare, Inc. CPC7581 Datasheet HTML 4Page - Clare, Inc. CPC7581 Datasheet HTML 5Page - Clare, Inc. CPC7581 Datasheet HTML 6Page - Clare, Inc. CPC7581 Datasheet HTML 7Page - Clare, Inc. CPC7581 Datasheet HTML 8Page - Clare, Inc. CPC7581 Datasheet HTML 9Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
www.clare.com
CPC7581
DS-CPC7581-R2
The CPC7581 is a monolithic solid state switch in a 16 pin
surface mount SOIC package. It provides the necessary
functions to replace a 2-Form-C electromechanical relay
on analog line cards found in Central Office, Access and
PBX equipment. The device contains solid state switches
for tip and ring line break and ring injection/ring return.
The CPC7581 requires only a +5V supply and offers
“break-before-make” or “make-before-break” switch oper-
ation using simple logic level input control. There are two
versions of the CPC7581, the CPC7581BA and the
CPC7581BB. The “BA” version has a protection SCR
which provides protection to the SLIC device and subse-
quent circuitry during fault conditions.
• Central office (CO)
• Digital Loop Carrier (DLC)
• PBX Systems
• Digitally Added Main Line (DAML)
• Hybrid Fiber Coax (HFC)
• Fiber in the Loop (FITL)
• Pair Gain System
• Channel Banks
• Small 16 pin surface mount SOIC package
• Monolithic IC reliability
• Low matched RDS
ON
• Eliminates the need for zero cross switching
• Flexible switch timing to transition from ringing mode
to idle/talk mode
• Clean, bounce free switching
• Tertiary Protection consisting of integrated current
limiting, thermal shutdown and SLIC protection
• 5V operation with power consumption <10mW
• Intelligent battery monitor
• Latched logic level inputs, no drive circuitry
• Pin to pin compatible to the Lucent 7581 family
Applications
Features
Description
Line Card Access Switch
Ordering Information
Part #
Description
CPC7581BA
4 Pole with protection SCR
CPC7581BB
4 Pole without protection SCR
CPC7581BA-TR Tape & Reel Version
CPC7581BB-TR Tape & Reel Version
Block Diagram
R1
R2
Ring
TIP
Secondary
Protection
SW1
Break
SW2
Break
SW3
Ringing
Return
SW4
Ringing
Access
SCR
and Trip
Circuit
TBAT
RBAT
SLIC
Ring Generator
V
BAT
Reference (16)
CPC7581BA
Battery
+
-
RLINE
TLINE
R
RING (12)
(14)
(3)
TRING (6)
(2)
(15)


Similar Part No. - CPC7581

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC7581 CLARE-CPC7581 Datasheet
532Kb / 17P
Line Card Access Switch
logo
IXYS Corporation
CPC7581 IXYS-CPC7581 Datasheet
218Kb / 15P
Clean, Bounce-Free Switching
CPC7581BA IXYS-CPC7581BA Datasheet
1,017Kb / 15P
Line Card Access Switch
CPC7581BA IXYS-CPC7581BA Datasheet
218Kb / 15P
Clean, Bounce-Free Switching
logo
Clare, Inc.
CPC7581BATR CLARE-CPC7581BATR Datasheet
532Kb / 17P
Line Card Access Switch
More results

Similar Description - CPC7581

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC7582 CLARE-CPC7582 Datasheet
147Kb / 12P
Line Card Access Switch
CPC7595 CLARE-CPC7595 Datasheet
562Kb / 25P
Line Card Access Switch
CPC7581 CLARE-CPC7581_1 Datasheet
532Kb / 17P
Line Card Access Switch
CPC7582 CLARE-CPC7582_1 Datasheet
572Kb / 19P
Line Card Access Switch
CPC7591 CLARE-CPC7591 Datasheet
556Kb / 19P
Line Card Access Switch
CPC7691 CLARE-CPC7691 Datasheet
481Kb / 17P
Line Card Access Switch
CPC75282 CLARE-CPC75282 Datasheet
672Kb / 19P
Line Card Access Switch
logo
IXYS Corporation
CPC7581 IXYS-CPC7581_12 Datasheet
1,017Kb / 15P
Line Card Access Switch
CPC7592 IXYS-CPC7592_12 Datasheet
1Mb / 19P
Line Card Access Switch
CPC7593 IXYS-CPC7593 Datasheet
321Kb / 24P
Line Card Access Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com