Electronic Components Datasheet Search
  English  ▼

X  

CPC7581 Datasheet(PDF) 7 Page - Clare, Inc.

Part # CPC7581
Description  Line Card Access Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC7581 Datasheet(HTML) 7 Page - Clare, Inc.

Back Button CPC7581 Datasheet HTML 3Page - Clare, Inc. CPC7581 Datasheet HTML 4Page - Clare, Inc. CPC7581 Datasheet HTML 5Page - Clare, Inc. CPC7581 Datasheet HTML 6Page - Clare, Inc. CPC7581 Datasheet HTML 7Page - Clare, Inc. CPC7581 Datasheet HTML 8Page - Clare, Inc. CPC7581 Datasheet HTML 9Page - Clare, Inc. CPC7581 Datasheet HTML 10Page - Clare, Inc. CPC7581 Datasheet HTML 11Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
CPC7581
www.clare.com
7
Rev. 2
Package Pinout
* Only the CPC7581BA contains the protection SCR.
CPC7581
1
2
3
4
16
15
14
13
5
6
7
8
T
BAT
12
11
10
9
SW3
SW1
SW4
SW2
Temperature
Shutdown
F
GND
T
LINE
T
RING
V
DD
TSD
D
GND
V
BAT
R
BAT
R
LINE
R
RING
LATCH
INPUT
NC
NC
NC
SCR
and
TRIP
CKT
Pin
Name
Function
1F
GND
Fault ground
2T
BAT
Connect to TIP on SLIC side
3T
LINE
Connect to TIP on line side
4
NC
No Connect
5
NC
No Connect
6T
RING
Connect to return ground for ringing
generator
7V
DD
+ 5V Supply
8
TSD
Temperature shutdown pin. Can be
used as a logic level input or output.
See Tables 5, 6 and 8 for more
details. As an output, will read
+5V when device is in its operational
mode and 0V in the thermal
shutdown mode.
9D
GND
Digital Ground
10
INPUT
Logic level input switch control
11
LATCH
Data latch control, active high,
transparent low
12
R
RING
Connect to ringing generator
13
NC
No Connect
14
R
LINE
Connect to RING on line side
15
R
BAT
Connect to RING on SLIC side
16
V
BAT
Battery voltage. Reference for
protection circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com