Electronic Components Datasheet Search
  English  ▼

X  

CPC7581 Datasheet(PDF) 4 Page - Clare, Inc.

Part # CPC7581
Description  Line Card Access Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC7581 Datasheet(HTML) 4 Page - Clare, Inc.

  CPC7581 Datasheet HTML 1Page - Clare, Inc. CPC7581 Datasheet HTML 2Page - Clare, Inc. CPC7581 Datasheet HTML 3Page - Clare, Inc. CPC7581 Datasheet HTML 4Page - Clare, Inc. CPC7581 Datasheet HTML 5Page - Clare, Inc. CPC7581 Datasheet HTML 6Page - Clare, Inc. CPC7581 Datasheet HTML 7Page - Clare, Inc. CPC7581 Datasheet HTML 8Page - Clare, Inc. CPC7581 Datasheet HTML 9Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
www.clare.com
4
CPC7581
Rev. 2
Table 4. Additional Electrical Characteristics
PARAMETERS
CONDITIONS
SYMBOL
MIN
TYP
MAX
UNITS
Digital Input Characteristics
Input Low Voltage
-
-
-
2.2
1.5
V
Input High Voltage
-
-
3.5
2.2
-
V
Input Leakage Current (High)
V
DD = 5.5V, VBAT = -75V,
I
log
-
0.1
1
µA
V
log = 5V
Input Leakage Current (Low)
V
DD = 5.5V, VBAT = -75V,
I
log
-
0.1
1
µA
V
log = 0V
Power Requirements
Power Dissipation
V
DD = 5V, VBAT = -48V,
Idle/Talk State or All Off State
I
DD, IBAT
-
5.5
7.5
mW
Ringing State or Access State
I
DD
-
6.5
10
mW
V
DD Current
V
DD = 5V,
Idle/Talk State or All Off State
I
DD
-
1.1
1.5
mA
Ringing State or Access State
I
DD
-
1.3
1.9
mA
V
BAT Current
V
BAT = -48V,
Idle/Talk State or All Off State
I
BAT
-
0.1
10
µA
Ringing State or Access State
I
BAT
-
0.1
10
µA
Temperature Shutdown Requirements1
Shutdown Activation Temperature
-
-
110
125
150
˚C
Shutdown Circuit Hysteresis
-
-
10
-
25
˚C
1 Temperature shutdown flag (TSD) will be high during normal operation and low during temperature shutdown state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com