Electronic Components Datasheet Search
  English  ▼

X  

CPC7581 Datasheet(PDF) 6 Page - Clare, Inc.

Part # CPC7581
Description  Line Card Access Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC7581 Datasheet(HTML) 6 Page - Clare, Inc.

Back Button CPC7581 Datasheet HTML 2Page - Clare, Inc. CPC7581 Datasheet HTML 3Page - Clare, Inc. CPC7581 Datasheet HTML 4Page - Clare, Inc. CPC7581 Datasheet HTML 5Page - Clare, Inc. CPC7581 Datasheet HTML 6Page - Clare, Inc. CPC7581 Datasheet HTML 7Page - Clare, Inc. CPC7581 Datasheet HTML 8Page - Clare, Inc. CPC7581 Datasheet HTML 9Page - Clare, Inc. CPC7581 Datasheet HTML 10Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
www.clare.com
6
CPC7581
Rev. 2
Table 8. Truth Table
Input
TSD
Tip Break
Ring
Ringing
Ring
State
Switch
Break
Return
Switch
Switch
Switch
0V
5V/Float1
On
On
Off
Off
Idle/Talk
5V
5V/Float1
Off
Off
On
On
Ringing
Don’t
0V2
Off
Off
Off
Off
All Off
Care
1 Thermal shutdown mechanism is active with TSD floating or equal to 5V and cannot be disabled.
2 Forcing TSD to ground overrides the logic input pins and forces an all off state.
Table 7. Electrical Specifications, Protection Circuitry
PARAMETER
CONDITIONS
SYMBOL
MIN
TYP
MAX
UNITS
Parameters Related to Diodes
(in Diode Bridge)
Voltage Drop @ Continuous
Apply +/-dc current limit of break
Forward
-
2.1
3
V
Current (50/60 Hz)
switches
Voltage
Voltage Drop @ Surge
Apply +/-dynamic current limit of
Forward
-
5
-
V
Current
break switches
Voltage
Parameters Related to
Protection SCR1
Surge Current
-
-
-
-
*
A
Trigger Current (+25˚C)
-
I
TRIG
-60
-
mA
Hold Current (+25˚C)
-
I
HOLD
-
100
-
mA
Trigger Current (+85˚C)
-
I
TRIG
-35
-
mA
Hold Current (+85˚C)
I
HOLD
60
70
-
mA
Gate Trigger Voltage
Trigger Current
-
V
BAT - 4
-
V
BAT - 2
V
Reverse Leakage Current
V
BAT
-
-
-
1.0
µA
ON State Voltage1
0.5A t = 0.5 ms
V
on
--3
-
V
2.0A t = 0.5 ms
-
-
-5
-
V
1 Only for the CPC7581BA.
* Passes GR1089 & ITU-T K.20 with appropriate secondary protection in place.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com