Electronic Components Datasheet Search
  English  ▼

X  

CPC7581 Datasheet(PDF) 5 Page - Clare, Inc.

Part # CPC7581
Description  Line Card Access Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC7581 Datasheet(HTML) 5 Page - Clare, Inc.

  CPC7581 Datasheet HTML 1Page - Clare, Inc. CPC7581 Datasheet HTML 2Page - Clare, Inc. CPC7581 Datasheet HTML 3Page - Clare, Inc. CPC7581 Datasheet HTML 4Page - Clare, Inc. CPC7581 Datasheet HTML 5Page - Clare, Inc. CPC7581 Datasheet HTML 6Page - Clare, Inc. CPC7581 Datasheet HTML 7Page - Clare, Inc. CPC7581 Datasheet HTML 8Page - Clare, Inc. CPC7581 Datasheet HTML 9Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
CPC7581
www.clare.com
5
Rev. 2
Table 5. Make-Before-Break Operation (Ringing to Idle/Talk Transition)
Ring
Ring
Break
Return
Access
Switches
Switch
Switch
Input
TSD
State
Timing
1 & 2
3
4
5V
5V/Float
Ringing
-
Open
Closed
Closed
0V
5V/Float
Make-before-break
SW4 waiting for next zero current
Closed
Open
Closed
crossing to turn off. Maximum
time is half of ringing. In this
transition state, current that is
limited to the dc break switch
current limit value will be sourced
from the ring node of the SLIC
0V
5V/Float
Idle / Talk
Zero cross current has occurred
Closed
Open
Open
Table 6. Break-Before-Make Operation (Ringing to Idle/Talk Transition)
Ring
Ring
Break
Return
Access
Switches
Switch
Switch
Input
TSD
State
Timing
1 & 2
3
4
5V
5V/Float
Ringing
-
Open
Closed
Closed
5V
0V
All Off
Hold this state for <=25ms.
Open
Open
Closed
SW4 waiting for zero current to
turn off.
0V
0V
All/Off
Zero current has occurred
Open
Open
Open
SW4 has opened
0V
5V/Float
Idle/Talk
Release Break Switches
Closed
Open
Open



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com