Electronic Components Datasheet Search
  English  ▼

X  

DS1075-80 Datasheet(PDF) 8 Page - Dallas Semiconductor

Part # DS1075-80
Description  EconOscillator/Divider
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1075-80 Datasheet(HTML) 8 Page - Dallas Semiconductor

Back Button DS1075-80 Datasheet HTML 4Page - Dallas Semiconductor DS1075-80 Datasheet HTML 5Page - Dallas Semiconductor DS1075-80 Datasheet HTML 6Page - Dallas Semiconductor DS1075-80 Datasheet HTML 7Page - Dallas Semiconductor DS1075-80 Datasheet HTML 8Page - Dallas Semiconductor DS1075-80 Datasheet HTML 9Page - Dallas Semiconductor DS1075-80 Datasheet HTML 10Page - Dallas Semiconductor DS1075-80 Datasheet HTML 11Page - Dallas Semiconductor DS1075-80 Datasheet HTML 12Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
DS1075
8 of 18
Figure 7
Depending on the relative timing of the SELX signal and the internal clock, there may be up to one full
cycle of tI on the output after the falling edge of SELX . Then, the “low” time (tLOW) between output
pulses will be dependent on the relative timing between tI and tE. The time interval between the falling
edge of SELX and the first rising edge of the externally derived clock is tSIE. Approximate maximum and
minimum values of these parameters are:
tLOW (min) = tI/2
tLOW (max) = tI/2 + tE
tSIE (min) = tI/2
tSIE (max) = 3 tI/2 + tE
NOTE:
In each case there will be a small additional delay due to internal propagation delays.
FROM EXTERNAL TO INTERNAL CLOCK
This is accomplished by a low to high transition on the SELX pin. In this case the switch is level
triggered, to allow for the possibility of a clock signal not being present at OSCIN. Note therefore, that if
a constant high-level signal is applied to OSCIN it will not be possible to switch over to the internal
reference. (Level triggering was not employed for the switch from internal to external reference as this
approach is slower and the internal clock may be running at a much higher frequency than the maximum
allowed external clock rate). When SELX is high and a low level is sensed on EXTCLK, OUT0 will be
held low until a falling edge occurs on INTCLK, then the next rising edge of INTCLK will be routed
through to OUT0.
Figure 8
Depending on the relative timing of the SELX signal and the external clock, there may be up to one full tE
high period on the output after the rising edge of SELX . Then, the “low” time (tLOW) between output
pulses will be dependent on the relative timing between tI and tE. The time interval between the falling



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com