Electronic Components Datasheet Search
  English  ▼

X  

DS1075-80 Datasheet(PDF) 15 Page - Dallas Semiconductor

Part # DS1075-80
Description  EconOscillator/Divider
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1075-80 Datasheet(HTML) 15 Page - Dallas Semiconductor

Back Button DS1075-80 Datasheet HTML 10Page - Dallas Semiconductor DS1075-80 Datasheet HTML 11Page - Dallas Semiconductor DS1075-80 Datasheet HTML 12Page - Dallas Semiconductor DS1075-80 Datasheet HTML 13Page - Dallas Semiconductor DS1075-80 Datasheet HTML 14Page - Dallas Semiconductor DS1075-80 Datasheet HTML 15Page - Dallas Semiconductor DS1075-80 Datasheet HTML 16Page - Dallas Semiconductor DS1075-80 Datasheet HTML 17Page - Dallas Semiconductor DS1075-80 Datasheet HTML 18Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
DS1075
15 of 18
ABSOLUTE MAXIMUM RATINGS*
Voltage on Any Pin Relative to Ground
-1.0V to +7.0V
Operating Temperature
0
°C to 70°C
Storage Temperature
-55
°C to +125°C
Soldering Temperature
260°C for 10 seconds
* This is a stress rating only and functional operation of the device at these or any other conditions above
those indicated in the operation sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods of time may affect reliability.
DC ELECTRICAL CHARACTERISTICS
(TA = 0°C to 70°C, VCC = 5V + 5%)
PARAMETER
SYMBOL
CONDITION
MIN TYP MAX
UNITS NOTES
Supply Voltage
VCC
4.75
5
5.25
V
High-level Output
Voltage
(IN/OUT, OUT0)
VOH
IOH = -4 mA,
VCC = MIN
2.4
V
Low-level Output
Voltage
(IN/OUT, OUT0)
VOL
IOL = 4 mA
0.4
V
High-level Input Voltage
( PDN / SELX , OE,
IN/OUT)(OSCIN)
VIH
VIH
2
3
V
V
Low-level Input
Voltage( PDN / SELX ,
OE, IN/OUT)(OSCIN)
VIL
VIL
0.8
2
V
V
High-level Input Current
( PDN / SELX , OE,
IN/OUT)(OSCIN)
IIH
IIH
VIH =2.4V, VCC=
5.25V VIH
=VCC =5.25V
125
uA
uA
Low-level Input Current
( PDN / SELX , OE,
IN/OUT)(OSCIN)
IIL
IIL
VIL =0,VCC=
5.25V VIL
=0,VCC =5.25V
-1
-25
uA
uA
Supply Current (Active)
DS1075-100
DS1075-80
DS1075-66
DS1075-60
ICC
CL = 15 pF
(both outputs)
35
50
mA
Standby Current
(power-down)
ICCQ
Power-down
Mode
0.8
uA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com