Electronic Components Datasheet Search
  English  ▼

X  

DS1075-80 Datasheet(PDF) 11 Page - Dallas Semiconductor

Part # DS1075-80
Description  EconOscillator/Divider
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1075-80 Datasheet(HTML) 11 Page - Dallas Semiconductor

Back Button DS1075-80 Datasheet HTML 7Page - Dallas Semiconductor DS1075-80 Datasheet HTML 8Page - Dallas Semiconductor DS1075-80 Datasheet HTML 9Page - Dallas Semiconductor DS1075-80 Datasheet HTML 10Page - Dallas Semiconductor DS1075-80 Datasheet HTML 11Page - Dallas Semiconductor DS1075-80 Datasheet HTML 12Page - Dallas Semiconductor DS1075-80 Datasheet HTML 13Page - Dallas Semiconductor DS1075-80 Datasheet HTML 14Page - Dallas Semiconductor DS1075-80 Datasheet HTML 15Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
DS1075
11 of 18
HARDWARE
The hardware configuration is shown in the diagram. A bus master is used to read and write data to the
DS1075’s internal registers. The bus master may have either an open-drain or TTL-type architecture.
Figure 11
Programming mode is entered by simply powering up the DS1075 with a pull-up of approximately 5K
W.
This will pull the IN/OUT pin above VIH on power-up and initiate the programming mode, causing the
DS1075 to internally release the IN/OUT pin (after tPOR), and allow the pull-up resistor to pull the pin to
the supply rail and await the Master Tx Reset pulse (see diagram).
NOTE:
To ensure normal operation any external pull-up applied to IN/OUT must be greater than 20K
W in value.
This will cause the IN/OUT pin to remain below VIH on power-up, resulting in normal operation at the
end of tSTAB.
Figure 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com