Electronic Components Datasheet Search
  English  ▼

X  

DS1075-80 Datasheet(PDF) 9 Page - Dallas Semiconductor

Part # DS1075-80
Description  EconOscillator/Divider
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1075-80 Datasheet(HTML) 9 Page - Dallas Semiconductor

Back Button DS1075-80 Datasheet HTML 5Page - Dallas Semiconductor DS1075-80 Datasheet HTML 6Page - Dallas Semiconductor DS1075-80 Datasheet HTML 7Page - Dallas Semiconductor DS1075-80 Datasheet HTML 8Page - Dallas Semiconductor DS1075-80 Datasheet HTML 9Page - Dallas Semiconductor DS1075-80 Datasheet HTML 10Page - Dallas Semiconductor DS1075-80 Datasheet HTML 11Page - Dallas Semiconductor DS1075-80 Datasheet HTML 12Page - Dallas Semiconductor DS1075-80 Datasheet HTML 13Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
DS1075
9 of 18
edge of SELX and the first rising edge of the externally derived clock is t SIE . Approximate maximum
and minimum values of these parameters are:
tLOW (min) = tI/2
tLOW (max) = 3tI/2 + tElow
tSIE (min) = tI/2
tSIE (max) = 3 tI/2 + tEhigh
NOTE:
In each case there will be a small additional delay due to internal propagation delays.
POWER-DOWN CONTROL
If the PDN bit is set to “1”, the PDN / SELX pin can be used to power-down the device. If PDN is high
the device will run normally.
POWER-DOWN
If PDN is taken low a power-down sequence is initiated. The “Enabling Sequencer” is used to execute
events in the following sequence:
1. Disable OUT (same sequence as when OE is used) and reset N counters.
2. When OUT is low, switch OUT to high-impedance state.
3. Disable MCLK (and OUT0 if EN0 bit = 0), switch OUT0 to high impedance state.
4. Disable internal oscillator and OSCIN buffer.
POWER-UP
When PDN is taken to a high level the following power-up sequence occurs:
1. Enable internal oscillator and/or OSCIN buffer.
2. Set M and N to maximum values.
3. Wait approximately 256 cycles of MCLK for it to stabilize.
4. Reset M and N to programmed values.
5. Enable OUT0 (assuming EN0 bit = 0).
6. Enable OUT.
Steps 2 through 4 exist to allow the oscillator to stabilize before enabling the outputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com