Electronic Components Datasheet Search
  English  ▼

X  

DS1306 Datasheet(PDF) 7 Page - Dallas Semiconductor

Part # DS1306
Description  Serial Alarm Real Time Clock RTC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1306 Datasheet(HTML) 7 Page - Dallas Semiconductor

Back Button DS1306 Datasheet HTML 3Page - Dallas Semiconductor DS1306 Datasheet HTML 4Page - Dallas Semiconductor DS1306 Datasheet HTML 5Page - Dallas Semiconductor DS1306 Datasheet HTML 6Page - Dallas Semiconductor DS1306 Datasheet HTML 7Page - Dallas Semiconductor DS1306 Datasheet HTML 8Page - Dallas Semiconductor DS1306 Datasheet HTML 9Page - Dallas Semiconductor DS1306 Datasheet HTML 10Page - Dallas Semiconductor DS1306 Datasheet HTML 11Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
DS1306
7 of 20
STATUS REGISTER (READ 10H)
BIT7
BIT6
BIT5
BIT4
BIT3
BIT2
BIT1
BIT0
000000
IRQF1
IRQF0
IRQF0 (Interrupt 0 Request Flag) - A logic 1 in the Interrupt Request Flag bit indicates that the current
time has matched the Alarm 0 registers. If the AIE0 bit is also a logic 1, the INT0 pin will go low.
IRQF0 is cleared when any of the Alarm 0 registers are read or written.
IRQF1 (Interrupt 1 Request Flag) - A logic 1 in the Interrupt Request Flag bit indicates that the current
time has matched the Alarm 1 registers. If the AIE1 bit is also a logic 1, the INT1 pin will generate a
62.5- ms active high pulse. IRQF1 is cleared when any of the Alarm 1 registers are read or written.
TRICKLE CHARGE REGISTER (READ 11H, WRITE 91H)
This register controls the trickle charge characteristics of the DS1306. The simplified schematic of
Figure 4 shows the basic components of the trickle charger. The trickle charge select (TCS) bits (bits
4-7) control the selection of the trickle charger. In order to prevent accidental enabling, only a pattern of
1010 will enable the trickle charger. All other patterns will disable the trickle charger. The DS1306
powers up with the trickle charger disabled. The diode select (DS) bits (bits 2-3) select whether one
diode or two diodes are connected between VCC1 and VCC2. If DS is 01, one diode is selected. If DS is
10, two diodes are selected. If DS is 00 or 11, the trickle charger is disabled independently of TCS. The
RS bits select the resistor that is connected between VCC1 and VCC2. The resistor is selected by the
resistor select (RS) bits as shown in Table 2.
PROGRAMMABLE TRICKLE CHARGER Figure 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com