Electronic Components Datasheet Search
  English  ▼

X  

DS1306 Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS1306
Description  Serial Alarm Real Time Clock RTC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1306 Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS1306 Datasheet HTML 1Page - Dallas Semiconductor DS1306 Datasheet HTML 2Page - Dallas Semiconductor DS1306 Datasheet HTML 3Page - Dallas Semiconductor DS1306 Datasheet HTML 4Page - Dallas Semiconductor DS1306 Datasheet HTML 5Page - Dallas Semiconductor DS1306 Datasheet HTML 6Page - Dallas Semiconductor DS1306 Datasheet HTML 7Page - Dallas Semiconductor DS1306 Datasheet HTML 8Page - Dallas Semiconductor DS1306 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1 of 20
070900
FEATURES
Real time clock counts seconds, minutes,
hours, date of the month, month, day of the
week, and year with leap year compensation
valid up to 2100
96-byte nonvolatile RAM for data storage
Two Time of Day Alarms - programmable on
combination of seconds, minutes, hours, and
day of the week
1 Hz and 32.768 kHz clock outputs
Serial interface supports Motorola Serial
Peripheral Interface (SPI) serial data ports or
standard 3-wire interface
Burst Mode for reading/writing successive
addresses in clock/RAM
Dual power supply pins for primary and
backup power supplies
Optional trickle charge output to backup
supply
2.0 - 5.5V operation
Optional industrial temperature range
-40°C to +85°C
Available in space-efficient 20-pin TSSOP
package
Recognized by Underwriters Laboratory
ORDERING INFORMATION
DS1306
16-Pin DIP
DS1306N
16-Pin DIP (Industrial)
DS1306E
20-Pin TSSOP
DS1306EN
20-Pin TSSOP (Industrial)
PIN ASSIGNMENT
PIN DESCRIPTION
VCC1
– Primary Power Supply
VCC2
– Backup Power Supply
VBAT
– +3V Battery Input
VCCIF
– Interface Logic Power Supply
Input
GND
– Ground
X1, X2
– 32.768 kHz Crystal Connection
INT0
– Interrupt 0 Output
INT1
– Interrupt 1 Output
SDI
– Serial Data In
SDO
– Serial Data Out
CE
– Chip Enable
SCLK
– Serial Clock
SERMODE
– Serial Interface Mode
1 Hz
- 1 Hz Output
32 kHz
- 32.768 kHz Output
DS1306
Serial Alarm Real Time Clock (RTC)
www.dalsemi.com
DS1306 20-Pin TSSOP (173 mil)
VCC2
VBAT
X1
NC
X2
NC
INT0
INT1
1 Hz
GND
VCC1
NC
32 kHz
VCCIF
SDO
SDI
SCLK
NC
CE
SERMODE
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
VCC2
DS1306 16-Pin DIP (300 mil)
15
X1
INT0
1 Hz
GND
VCC1
SDO
SDI
SCLK
CE
SERMODE
1
2
3
4
5
6
7
8
16
14
13
12
11
10
9
VBAT
X2
INT1
32 kHz
VCCIF


Similar Part No. - DS1306

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1306 DALLAS-DS1306 Datasheet
553Kb / 21P
Serial Alarm Real-Time Clock
logo
Maxim Integrated Produc...
DS1306 MAXIM-DS1306 Datasheet
324Kb / 22P
Serial Alarm Real-Time Clock
Rev 12/09
DS1306 MAXIM-DS1306 Datasheet
377Kb / 22P
Serial Alarm Real-Time Clock
19-5056; Rev 4 / 1 5
logo
Bridgelux, Inc.
DS1306 BRIDGELUX-DS1306 Datasheet
1Mb / 22P
GEN9 V8 Array Series
10/2023
logo
Dallas Semiconductor
DS1306+ DALLAS-DS1306+ Datasheet
553Kb / 21P
Serial Alarm Real-Time Clock
More results

Similar Description - DS1306

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ3285 TI-BQ3285 Datasheet
553Kb / 22P
Real-Time Clock RTC
logo
Dallas Semiconductor
DS1305 DALLAS-DS1305 Datasheet
257Kb / 22P
Serial Alarm Real Time Clock RTC
DS1305 DALLAS-DS1305_05 Datasheet
487Kb / 21P
Serial Alarm Real-Time Clock
DS1306 DALLAS-DS1306_05 Datasheet
553Kb / 21P
Serial Alarm Real-Time Clock
logo
Maxim Integrated Produc...
DS1305 MAXIM-DS1305 Datasheet
315Kb / 22P
Serial Alarm Real-Time Clock
Rev 12/09
DS1306 MAXIM-DS1306 Datasheet
324Kb / 22P
Serial Alarm Real-Time Clock
Rev 12/09
logo
STMicroelectronics
M41T00AUD STMICROELECTRONICS-M41T00AUD_12 Datasheet
381Kb / 42P
Serial real-time clock (RTC) with audio
06-Feb-2012
logo
Maxim Integrated Produc...
DS1305 MAXIM-DS1305_V01 Datasheet
363Kb / 22P
Serial Alarm Real-Time Clock
19-5055; Rev 4 / 15
DS1306 MAXIM-DS1306_V01 Datasheet
377Kb / 22P
Serial Alarm Real-Time Clock
19-5056; Rev 4 / 1 5
logo
Renesas Technology Corp
IDT5P90011C RENESAS-IDT5P90011C Datasheet
1,007Kb / 26P
Serial Alarm Real-Time Clock
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com