Electronic Components Datasheet Search
  English  ▼

X  

DS1306 Datasheet(PDF) 8 Page - Dallas Semiconductor

Part # DS1306
Description  Serial Alarm Real Time Clock RTC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1306 Datasheet(HTML) 8 Page - Dallas Semiconductor

Back Button DS1306 Datasheet HTML 4Page - Dallas Semiconductor DS1306 Datasheet HTML 5Page - Dallas Semiconductor DS1306 Datasheet HTML 6Page - Dallas Semiconductor DS1306 Datasheet HTML 7Page - Dallas Semiconductor DS1306 Datasheet HTML 8Page - Dallas Semiconductor DS1306 Datasheet HTML 9Page - Dallas Semiconductor DS1306 Datasheet HTML 10Page - Dallas Semiconductor DS1306 Datasheet HTML 11Page - Dallas Semiconductor DS1306 Datasheet HTML 12Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
DS1306
8 of 20
TRICKLE CHARGER RESISTOR SELECT Table 2
RS BITS
RESISTOR
TYPICAL VALUE
00
None
None
01
R1
2 k
Ω
10
R2
4 k
Ω
11
R3
8 k
Ω
If RS is 00, the trickle charger is disabled independently of TCS.
Diode and resistor selection is determined by the user according to the maximum current desired for
battery or super cap charging. The maximum charging current can be calculated as illustrated in the
following example. Assume that a system power supply of 5 volts is applied to VCC1 and a super cap is
connected to VCC2. Also assume that the trickle charger has been enabled with one diode and resister R1
between VCC1 and VCC2. The maximum current I MAX would therefore be calculated as follows:
IMAX
= (5.0V - diode drop)/R1
~ (5.0V - 0.7V)/2 k
Ω
~ 2.2 mA
Obviously, as the super cap charges, the voltage drop between VCC1 and VCC2 will decrease and therefore
the charge current will decrease.
POWER CONTROL
Power is provided through the VCC1, VCC2, and VBAT pins. Three different power supply configurations
are illustrated in Figure 5. Configuration 1 shows the DS1306 being backed up by a non-rechargeable
energy source such as a lithium battery. In this configuration, the system power supply is connected to
VCC1 and VCC2 is grounded. The DS1306 will be write-protected if VCC1 is less than VBAT.
Configuration 2 illustrates the DS1306 being backed up by a rechargeable energy source. In this case, the
VBAT pin is grounded, VCC1 is connected to the primary power supply, and VCC2 is connected to the
secondary supply (the rechargeable energy source). The DS1306 will operate from the larger of VCC1 or
VCC2. When VCC1 is greater than VCC2 + 0.2 volt (typical), VCC1 will power the DS1306. When VCC1 is
less than VCC2, VCC2 will power the DS1306.
The DS1306 does not write-protect itself in this
configuration.
Configuration 3 shows the DS1306 in battery operate mode where the device is powered only by a single
battery. In this case, the VCC1 and VBAT pins are grounded and the battery is connected to the VCC2 pin.
Only these three configurations are allowed. Unused supply pins must be grounded.
SERIAL INTERFACE
The DS1306 offers the flexibility to choose between two serial interface modes.
The DS1306 can
communicate with the SPI interface or with a standard 3-wire interface. The interface method used is
determined by the SERMODE pin. When this pin is connected to VCC, SPI communication is selected.
When this pin is connected to ground, standard 3-wire communication is selected.
SERIAL PERIPHERAL INTERFACE (SPI)
The serial peripheral interface (SPI) is a synchronous bus for address and data transfer and is used when
interfacing with the SPI bus on specific Motorola microcontrollers such as the 68HC05C4 and the
68HC11A8. The SPI mode of serial communication is selected by tying the SERMODE pin to VCC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com