Electronic Components Datasheet Search
  English  ▼

X  

DS1306 Datasheet(PDF) 18 Page - Dallas Semiconductor

Part # DS1306
Description  Serial Alarm Real Time Clock RTC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1306 Datasheet(HTML) 18 Page - Dallas Semiconductor

Back Button DS1306 Datasheet HTML 12Page - Dallas Semiconductor DS1306 Datasheet HTML 13Page - Dallas Semiconductor DS1306 Datasheet HTML 14Page - Dallas Semiconductor DS1306 Datasheet HTML 15Page - Dallas Semiconductor DS1306 Datasheet HTML 16Page - Dallas Semiconductor DS1306 Datasheet HTML 17Page - Dallas Semiconductor DS1306 Datasheet HTML 18Page - Dallas Semiconductor DS1306 Datasheet HTML 19Page - Dallas Semiconductor DS1306 Datasheet HTML 20Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
DS1306
18 of 20
NOTES:
1. All voltages are referenced to ground.
2. Logic 0 voltages are specified at a sink current of 4 mA at VCC=5V and 1.5 mA at VCC=2.0V,
VOL=GND for capacitive loads.
3. ICC1T and ICC2T are specified with CE set to a logic 0.
4. ICC1A and ICC2A are specified with CE= VCC, SCLK=2 MHz (0-VCC) at VCC=5V; SCLK=500 kHz
(0-VCC) at VCC=2.0V.
5. Measured at VIH=2.0V or VIL=0.8V and 10 ms maximum rise and fall time.
6. Measured with 50 pF load.
7. Measured at VOH=2.4V or VOL=0.4V.
8. VCC=VCC1, when VCC1>VCC2+0.2V (typical); VCC=VCC2, when VCC2>VCC1.
9. VCC2=0V.
10. VCC1=0V.
11. VCC1<VBAT.
12. Logic 1 voltages are specified at a source current of 1 mA at VCC=5V and 0.4 mA at 2.0V,
VOH=VCC for capacitive loads.
13. VCCIF must be less than or equal to the largest of VCC1, VCC2, and VBAT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com