Electronic Components Datasheet Search
  English  ▼

X  

DS1306 Datasheet(PDF) 3 Page - Dallas Semiconductor

Part # DS1306
Description  Serial Alarm Real Time Clock RTC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1306 Datasheet(HTML) 3 Page - Dallas Semiconductor

  DS1306 Datasheet HTML 1Page - Dallas Semiconductor DS1306 Datasheet HTML 2Page - Dallas Semiconductor DS1306 Datasheet HTML 3Page - Dallas Semiconductor DS1306 Datasheet HTML 4Page - Dallas Semiconductor DS1306 Datasheet HTML 5Page - Dallas Semiconductor DS1306 Datasheet HTML 6Page - Dallas Semiconductor DS1306 Datasheet HTML 7Page - Dallas Semiconductor DS1306 Datasheet HTML 8Page - Dallas Semiconductor DS1306 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
DS1306
3 of 20
SIGNAL DESCRIPTIONS
VCC1 - DC power is provided to the device on this pin. VCC1 is the primary power supply.
VCC2 - This is the secondary power supply pin. In systems using the trickle charger, the rechargeable
energy source is connected to this pin.
VBAT - Battery input for any standard 3-volt lithium cell or other energy source.
VCCIF (Interface Logic Power Supply Input) - The VCCIF pin allows the DS1306 to drive SDO and
32 kHz output pins to a level that is compatible with the interface logic, thus allowing an easy interface to
3-volt logic in mixed supply systems. This pin is physically connected to the source connection of the p-
channel transistors in the output buffers of the SDO and 32 kHz pins.
SERMODE (Serial Interface Mode Input) - The SERMODE pin offers the flexibility to choose
between two serial interface modes.
When connected to GND, standard 3-wire communication is
selected. When connected to VCC, Motorola SPI communication is selected.
SCLK (Serial Clock Input) - SCLK is used to synchronize data movement on the serial interface for
either the SPI or 3-wire interface.
SDI (Serial Data Input) - When SPI communication is selected, the SDI pin is the serial data input for
the SPI bus. When 3-wire communication is selected, this pin must be tied to the SDO pin (the SDI and
SDO pins function as a single I/O pin when tied together).
SDO (Serial Data Output) - When SPI communication is selected, the SDO pin is the serial data output
for the SPI bus. When 3-wire communication is selected, this pin must be tied to the SDI pin (the SDI
and SDO pins function as a single I/O pin when tied together).
CE (Chip Enable) - The Chip Enable signal must be asserted high during a read or a write for both
3-wire and SPI communication. This pin has an internal 55k pull-down resistor (typical).
INT0
(Interrupt 0 Output) - The INT0 pin is an active low output of the DS1306 that can be used as an
interrupt input to a processor. The INT0 pin can be programmed to be asserted by Alarm 0. The INT0
pin remains low as long as the status bit causing the interrupt is present and the corresponding interrupt
enable bit is set. The INT0 pin operates when the DS1306 is powered by VCC1, VCC2, or VBAT. The INT0
pin is an open drain output and requires an external pullup resistor.
1 Hz (1 Hz Clock Output) - The 1 Hz pin provides a 1 Hz squarewave output. This output is active
when the 1 Hz bit in the control register is a logic 1.
Both INT0 and 1 Hz pins are open drain outputs. The interrupt, 1 Hz signal, and the internal clock
continue to run regardless of the level of VCC (as long as a power source is present).
INT1 (Interrupt 1 Output) - The INT1 pin is an active high output of the DS1306 that can be used as an
interrupt input to a processor. The INT1 pin can be programmed to be asserted by alarm 1. When an
alarm condition is present, the INT1 pin generates a 62.5 ms active high pulse. The INT1 pin operates
only when the DS1306 is powered by VCC2 or VBAT. When active, the INT1 pin is internally pulled up to
VCC2 or VBAT. When inactive, the INT1 pin is internally pulled low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com