Electronic Components Datasheet Search
  English  ▼

X  

ICS810251 Datasheet(PDF) 4 Page - Integrated Device Technology

Part # ICS810251
Description  VCXO and Synchronous Ethernet Jitter Attenuator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS810251 Datasheet(HTML) 4 Page - Integrated Device Technology

  ICS810251 Datasheet HTML 1Page - Integrated Device Technology ICS810251 Datasheet HTML 2Page - Integrated Device Technology ICS810251 Datasheet HTML 3Page - Integrated Device Technology ICS810251 Datasheet HTML 4Page - Integrated Device Technology ICS810251 Datasheet HTML 5Page - Integrated Device Technology ICS810251 Datasheet HTML 6Page - Integrated Device Technology ICS810251 Datasheet HTML 7Page - Integrated Device Technology ICS810251 Datasheet HTML 8Page - Integrated Device Technology ICS810251 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
ICS810251I Data Sheet
VCXO AND SYNCHRONOUS ETHERNET JITTER ATTENUATOR
ICS810251AGI REVISION B OCTOBER 5, 2012
4
©2012 Integrated Device Technology, Inc.
Table 3C. LVCMOS/LVTTL DC Characteristics, VDD = VDDO = 3.3V ± 5% or 2.5V ± 5%, TA = -40°C to 85°C
NOTE 1: Outputs terminated with 50
to V
DDO/2. See Parameter Measurement Information section. Load Test Circuit diagrams.
AC Electrical Characteristics
Table 4A. AC Characteristics, VDD = VDDO = 3.3V ± 5%, TA = -40°C to 85°C
NOTE: Electrical parameters are guaranteed over the specified ambient operating temperature range, which is established when device is
mounted in a test socket with maintained transverse airflow greater than 500 lfpm. Device will meet specifications after thermal equilibrium has
been reached under these conditions.
NOTE: Characterized using a 616Hz bandwidth filter.
NOTE 1: This parameter is defined in accordance with JEDEC Standard 65.
NOTE 2: Please refer to the Phase Noise Plot.
NOTE 3: Specified with the VCXO-PLL free running high.
NOTE 4: Specified with the VCXO-PLL locked.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VIH
Input
High Voltage
VDD = 3.465V
2
VDD + 0.3
V
VDD = 2.625V
1.7
VDD + 0.3
V
VIL
Input
Low Voltage
VDD = 3.465V
-0.3
0.8
V
VDD = 2.625V
-0.3
0.7
V
IIH
Input
High Current
CLK_IN
VDD = VIN = 3.465V or 2.625V
150
µA
OE, PLL_SEL
VDD = VIN = 3.465V or 2.625V
5
µA
IIL
Input
Low Current
CLK_IN
VDD = 3.465V or 2.625V, VIN = 0V
-5
µA
OE, PLL_SEL
VDD = 3.465V or 2.625V, VIN = 0V
-150
µA
VOH
Output High Voltage; NOTE 1
VDDO = 3.3V ± 5%
2.6
V
VDDO = 2.5V ± 5%
1.8
V
VOL
Output Low Voltage; NOTE 1
VDDO = 3.3V ± 5%
0.6
V
VDDO = 2.5V ± 5%
0.5
V
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
fREF
Input Reference Frequency
25
MHz
125
MHz
fVCO
VCXO-PLL Frequency
25
MHz
fOUT
Output Frequency
25
MHz
tJIT(CC)
Cycle-to-Cycle Jitter; NOTE 1
45
ps
tjit(
)
RMS Phase Jitter (Random);
NOTE 2
fOUT = 25MHz, Integration Range:
1kHz – 1MHz
0.22
ps
tJIT(PER)
Period jitter
5ps
tR / tF
Output Rise/Fall Time
20% to 80%
500
1200
ps
odc
Output Duty Cycle; NOTE 3
48
52
%
odc
Output Duty Cycle; NOTE 4
45
55
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com