Electronic Components Datasheet Search
  English  ▼

X  

ICS810251 Datasheet(PDF) 14 Page - Integrated Device Technology

Part # ICS810251
Description  VCXO and Synchronous Ethernet Jitter Attenuator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS810251 Datasheet(HTML) 14 Page - Integrated Device Technology

Back Button ICS810251 Datasheet HTML 7Page - Integrated Device Technology ICS810251 Datasheet HTML 8Page - Integrated Device Technology ICS810251 Datasheet HTML 9Page - Integrated Device Technology ICS810251 Datasheet HTML 10Page - Integrated Device Technology ICS810251 Datasheet HTML 11Page - Integrated Device Technology ICS810251 Datasheet HTML 12Page - Integrated Device Technology ICS810251 Datasheet HTML 13Page - Integrated Device Technology ICS810251 Datasheet HTML 14Page - Integrated Device Technology ICS810251 Datasheet HTML 15Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
ICS810251I Data Sheet
VCXO AND SYNCHRONOUS ETHERNET JITTER ATTENUATOR
ICS810251AGI REVISION B OCTOBER 5, 2012
14
©2012 Integrated Device Technology, Inc.
Revision History Sheet
Rev
Table
Page
Description of Change
Date
A
T8
1
10
14
Updated Figure 1, Schematic layout.
VCXO-PLL External Components section, reworded second from last paragraph
“The frequency of oscillation in the third overtone mode....”.
Changed marking from 810251AL to 10251AL.
Changed datasheet header/footer format.
7/28/09
B
T4A
T4B
1
4
5
Features List: deleted ‘Absolute pull range is ±50 ppm (using the internal oscillator)’
3.3V AC Characteristics Table - Added additional odc row with specs of 45min and 55max.
Added Notes 3 & 4.
2.5V AC Characteristics Table - Added additional odc row with specs of 44min and 56max.
Added Notes 3 & 4.
HiPerClock references have been deleted throughout the datasheet.
7/17/2012
B
T4A
T4B
T8
4
5
13
Added ‘high’ to Note 3.
Added ‘high’ to Note 3.
Deleted quantity from Tape and Reel.
10/5/2012



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com