Electronic Components Datasheet Search
  English  ▼

X  

ICS810251 Datasheet(PDF) 11 Page - Integrated Device Technology

Part # ICS810251
Description  VCXO and Synchronous Ethernet Jitter Attenuator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS810251 Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button ICS810251 Datasheet HTML 7Page - Integrated Device Technology ICS810251 Datasheet HTML 8Page - Integrated Device Technology ICS810251 Datasheet HTML 9Page - Integrated Device Technology ICS810251 Datasheet HTML 10Page - Integrated Device Technology ICS810251 Datasheet HTML 11Page - Integrated Device Technology ICS810251 Datasheet HTML 12Page - Integrated Device Technology ICS810251 Datasheet HTML 13Page - Integrated Device Technology ICS810251 Datasheet HTML 14Page - Integrated Device Technology ICS810251 Datasheet HTML 15Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
ICS810251I Data Sheet
VCXO AND SYNCHRONOUS ETHERNET JITTER ATTENUATOR
ICS810251AGI REVISION B OCTOBER 5, 2012
11
©2012 Integrated Device Technology, Inc.
Power Considerations
This section provides information on power dissipation and junction temperature for the ICS810251I.
Equations and example calculations are also provided.
1.
Power Dissipation.
The total power dissipation for the ICS810251I is the sum of the core power plus the analog power plus the power dissipated in the load(s).
The following is the power dissipation for VDD = 3.3V + 5% = 3.465V, which gives worst case results.
•
Power (core)MAX = VDD_MAX * (IDD + IDDA + IDDO) = 3.465V *(40mA + 7mA + 5mA) = 180.18mW
•
Output Impedance ROUT Power Dissipation due to Loading 50 to VDD/2
Output Current IOUT = VDD_MAX / [2 * (50 + ROUT)] = 3.465V / [2 * (50 + 15)] = 26.7mA
•
Power Dissipation on the ROUT per LVCMOS output
Power (ROUT) = ROUT * (IOUT)
2 = 15
 * (26.7mA)2 = 10.7mW per output
Dynamic Power Dissipation at 25MHz
Power (25MHz) = CPD * Frequency * (VDD)
2 = 8pF * 25MHz * (3.465V)2 = 2.4mW per output
Total Power Dissipation
•
Total Power
= Power (core)MAX + Power (ROUT) + Power (25MHz)
= 180.18mW + 10.7mW + 2.4mW
= 193.28mW
2. Junction Temperature.
Junction temperature, Tj, is the temperature at the junction of the bond wire and bond pad and it directly affects the reliability of the device. The
maximum recommended junction temperature is 125°C. Limiting the internal transistor junction temperature, Tj, to 125°C ensures that the bond
wire and bond pad temperature remains below 125°C.
The equation for Tj is as follows: Tj =
JA * Pd_total + TA
Tj = Junction Temperature
JA = Junction-to-Ambient Thermal Resistance
Pd_total = Total Device Power Dissipation (example calculation is in section 1 above)
TA = Ambient Temperature
In order to calculate junction temperature, the appropriate junction-to-ambient thermal resistance
JA must be used. Assuming no air flow and
a multi-layer board, the appropriate value is 92.4°C/W per Table 5 below.
Therefore, Tj for an ambient temperature of 85°C with all outputs switching is:
85°C + 0.193W *92.4°C/W = 102.8°C. This is well below the limit of 125°C.
This calculation is only an example. Tj will obviously vary depending on the number of loaded outputs, supply voltage, air flow and the type of
board (multi-layer).
Table 5. Thermal Resistance JA for 16 Lead TSSOP, Forced Convection
JA by Velocity
Meters per Second
01
2.5
Multi-Layer PCB, JEDEC Standard Test Boards
92.4°C/W
88.0°C/W
85.9°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com