Electronic Components Datasheet Search
  English  ▼

X  

DS2890 Datasheet(PDF) 6 Page - Dallas Semiconductor

Part # DS2890
Description  1-Wire Digital Potentiometer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2890 Datasheet(HTML) 6 Page - Dallas Semiconductor

Back Button DS2890 Datasheet HTML 2Page - Dallas Semiconductor DS2890 Datasheet HTML 3Page - Dallas Semiconductor DS2890 Datasheet HTML 4Page - Dallas Semiconductor DS2890 Datasheet HTML 5Page - Dallas Semiconductor DS2890 Datasheet HTML 6Page - Dallas Semiconductor DS2890 Datasheet HTML 7Page - Dallas Semiconductor DS2890 Datasheet HTML 8Page - Dallas Semiconductor DS2890 Datasheet HTML 9Page - Dallas Semiconductor DS2890 Datasheet HTML 10Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
DS2890
6 of 27
Figure 4. POTENTIOMETER CONTROL REGISTER
Control Register Bit Encoding
b7
b6
b5
b4
b3
b2
b1
b0
XCPC
X
X
WN
WN
Control Register Bit Definitions*
Description
Bit(s)
Definition
WN: wiper number to control
b1..b0
2 bit binary value representing the potentiometer wiper to
control:
If 00b: potentiometer 1 wiper
If 01b: potentiometer 2 wiper
If 10b: potentiometer 3 wiper
If 11b: potentiometer 4 wiper
WN : inverted wiper number to
control
b3..b2
1’s complement of potentiometer wiper to control:
If 11b: potentiometer 1 wiper
If 10b: potentiometer 2 wiper
If 01b: potentiometer 3 wiper
If 00b: potentiometer 4 wiper
If 0: the charge pump is OFF
CPC: charge pump control
b6
If 1: the charge pump is ON
X: don’t care.
b4,b5,b7
These bits are reserved for future use by Dallas
Semiconductor. These bits should be written to a value of
0.
*NOTE:
Control Register power-on defaults: Charge Pump is OFF (CPC=0), Wiper Number to control is wiper #1
(WN=00b, WN =11b).
Valid DS2890 control values are highlighted:
value
Thus for the DS2890, valid control register values are:
Control Register Value
Description
00001100b
charge pump off, potentiometer #1 wiper selected
01001100b
charge pump on, potentiometer #1 wiper selected
As shown in Figure 17 and discussed in the “POTENTIOMETER FUNCTION COMMANDS” section,
no change in device state will occur if an invalid control register value is sent.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com