Electronic Components Datasheet Search
  English  ▼

X  

DS2890 Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS2890
Description  1-Wire Digital Potentiometer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2890 Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS2890 Datasheet HTML 1Page - Dallas Semiconductor DS2890 Datasheet HTML 2Page - Dallas Semiconductor DS2890 Datasheet HTML 3Page - Dallas Semiconductor DS2890 Datasheet HTML 4Page - Dallas Semiconductor DS2890 Datasheet HTML 5Page - Dallas Semiconductor DS2890 Datasheet HTML 6Page - Dallas Semiconductor DS2890 Datasheet HTML 7Page - Dallas Semiconductor DS2890 Datasheet HTML 8Page - Dallas Semiconductor DS2890 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
1 of 27
061500
FEATURES
Single element 256-position linear taper
potentiometer
Supports potentiometer terminal working
voltages up to 11V
Potentiometer terminal voltage independent
of supply voltage
Potentiometer wiper position controlled and
read over minimal 1-Wire bus interface
100 k
Ω resistor element value
Provides 1-Wire and VDD power modes
Supports Conditional Search based on
power-on default wiper position
Multiple DS2890’s can be identified on a
common 1-Wire bus and operated
independently
Unique factory lasered 64-bit registration
number assures error free device selection
and absolute part identity
Built-in multi-drop controller ensures
compatibility with other 1-Wire Network
products
Supports Overdrive mode which boosts
communication speed up to 142 kbits per
second
-40
oC to +85oC operating temperature range
2.8V – 6.0V operating voltage range
PIN ASSIGNMENT
Top View
6-pin TSOC
1-WIRE
GND
VDD
1
2
3
6
5
4
RH
WIPER
RL
TO-92 Package
12 3
12 3
Bottom View
Flip Chip Package
side view
top view
Visit www.dalsemi.com for Flip Chip pinout and
mechanical data.
ORDERING INFORMATION
PART NUMBER
RESISTANCE
*
PACKAGE DESCRIPTION
DS2890-000
100 k
Ω
T0-92
DS2890P-000
100 k
Ω
6-pin TSOC
DS2890X-000
100 k
Ω
Flip Chip Pkg., Tape & Reel
DS2890T-000
100 k
Ω
Tape & Reel of DS2890
DS2890V-000
100 k
Ω
Tape & Reel of DS2890P
* Contact the factory for availability of alternate resistance values
www.dalsemi.com
PRELIMINARY
DS2890
1-Wire
® Digital Potentiometer


Similar Part No. - DS2890

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2890 MAXIM-DS2890 Datasheet
977Kb / 27P
1-Wire Digital Potentiometer
012207
More results

Similar Description - DS2890

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC625 TELCOM-TC625 Datasheet
68Kb / 2P
1-WIRE DIGITAL THERMOMETER
logo
Dallas Semiconductor
DS1820 DALLAS-DS1820 Datasheet
151Kb / 27P
1-Wire Digital Thermometer
logo
Maxim Integrated Produc...
DS1805 MAXIM-DS1805 Datasheet
614Kb / 10P
Addressable Digital Potentiometer
Rev 0; 4/02
logo
ams AG
AS1500 AMSCO-AS1500 Datasheet
365Kb / 8P
Digital Potentiometer
AS1500 AMSCO-AS1500_1 Datasheet
405Kb / 14P
Digital Potentiometer
logo
Maxim Integrated Produc...
DS18B20 MAXIM-DS18B20_08 Datasheet
261Kb / 22P
1-Wire Digital Thermometer
REV: 042208
logo
Analog Devices
AD5260 AD-AD5260_10 Datasheet
610Kb / 24P
1-/2-Channel 15 V Digital Potentiometer
REV. A
logo
Copal Electronics
DP7241 COPAL-DP7241 Datasheet
174Kb / 16P
Quad Digital Potentiometer
logo
Maxim Integrated Produc...
DS1267B MAXIM-DS1267B Datasheet
413Kb / 13P
Dual Digital Potentiometer
19-6589; Rev 1; 1/14
DS2890 MAXIM-DS2890 Datasheet
977Kb / 27P
1-Wire Digital Potentiometer
012207
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com