Electronic Components Datasheet Search
  English  ▼

X  

DS2890 Datasheet(PDF) 3 Page - Dallas Semiconductor

Part # DS2890
Description  1-Wire Digital Potentiometer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2890 Datasheet(HTML) 3 Page - Dallas Semiconductor

  DS2890 Datasheet HTML 1Page - Dallas Semiconductor DS2890 Datasheet HTML 2Page - Dallas Semiconductor DS2890 Datasheet HTML 3Page - Dallas Semiconductor DS2890 Datasheet HTML 4Page - Dallas Semiconductor DS2890 Datasheet HTML 5Page - Dallas Semiconductor DS2890 Datasheet HTML 6Page - Dallas Semiconductor DS2890 Datasheet HTML 7Page - Dallas Semiconductor DS2890 Datasheet HTML 8Page - Dallas Semiconductor DS2890 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
DS2890
3 of 27
OPERATION
The DS2890 is a single element digital potentiometer; a block diagram of the device is shown in Figure 1.
The device has a total of 256 linearly spaced tap points including the RL and RH terminals; a total of 255
resistive segments exist between the RL and RH terminals. These tap points are accessible to the WIPER
terminal whose position is controlled via the 1-Wire bus interface. Wiper position and device state are
maintained as long as the 1-Wire bus is active or the VDD supply is applied within operating limits.
Otherwise, a power-on reset will occur and the wiper position and operating state will return to power-on
default conditions.
Figure 1. DS2890 BLOCK DIAGRAM
As shown in the figure the device has five major elements: the 1-Wire Function Controller, the
Potentiometer Controller, the 64-bit ROM, the resistor array, and Parasite Power circuitry. Each of these
elements is discussed in detail throughout the remainder of the data sheet. DS2890 control including
device selection, positioning/reading the potentiometer wiper, and device operating state is performed
over the 1-Wire bus. The hierarchical structure of the 1-Wire protocol as applicable to the DS2890 is
shown in Figure 2. As shown, the control sequence starts with the 1-Wire bus master issuing one of eight
ROM function commands. After a ROM function command is successfully completed potentiometer
functions may be executed. The protocol for ROM and potentiometer functions are described in the
“COMMAND FLOW” section.
For the 3-pin TO-92 package configuration and operation see the
“TO-92 PACKAGE OPERATION” section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com