Electronic Components Datasheet Search
  English  ▼

X  

DS2890 Datasheet(PDF) 5 Page - Dallas Semiconductor

Part # DS2890
Description  1-Wire Digital Potentiometer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2890 Datasheet(HTML) 5 Page - Dallas Semiconductor

  DS2890 Datasheet HTML 1Page - Dallas Semiconductor DS2890 Datasheet HTML 2Page - Dallas Semiconductor DS2890 Datasheet HTML 3Page - Dallas Semiconductor DS2890 Datasheet HTML 4Page - Dallas Semiconductor DS2890 Datasheet HTML 5Page - Dallas Semiconductor DS2890 Datasheet HTML 6Page - Dallas Semiconductor DS2890 Datasheet HTML 7Page - Dallas Semiconductor DS2890 Datasheet HTML 8Page - Dallas Semiconductor DS2890 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
DS2890
5 of 27
Figure 3. 1-WIRE POTENTIOMETER FEATURE REGISTER
Feature Register Bit Encoding
b7
b6
b5
b4
b3
b2
b1
b0
PR
NWP
NP
WSV
PC
Feature Register Bit Definitions
Feature Description
Bit(s)
Definition
If 0: logarithmic potentiometer element(s)
PC: potentiometer characteristic
b0
If 1: linear potentiometer element(s)
If 0: wiper setting(s) are non-volatile
WSV: wiper setting volatility
b1
If 1: wiper setting(s) are volatile
NP: number of potentiometers
b3..b2
2 bit binary value representing number of potentiometers:
If 00b: 1 potentiometer
If 01b: 2 potentiometers
If 10b: 3 potentiometers
If 11b: 4 potentiometers
NWP: number of wiper positions
b5..b4
2 bit binary value representing number of wiper positions
for each potentiometer:
If 00b: 32 positions
If 01b: 64 positions
If 10b: 128 positions
If 11b: 256 positions
PR: potentiometer resistance
b7..b6
2 bit binary value representing potentiometer resistance:
If 00b: 5 k
Ω
If 01b: 10 k
Ω
If 10b: 50 k
Ω
If 11b: 100 k
Ω
DS2890 feature values are highlighted:
value
The DS2890 will respond with a feature register value of F3h when a READ CONTROL
REGISTER command is executed, see section “POTENTIOMETER FUNCTION COMMANDS”.
POTENTIOMETER CONTROL REGISTER
The potentiometer control register is used to turn on/off the DS2890 charge pump (see section
“POTENTIOMETER WIPER RESISTANCE AND CHARGE PUMP CONSIDERATIONS” for a
discussion of the charge pump) and has control capabilities for future 1-Wire potentiometers that could
contain multiple resistor elements. The format of the control register is shown in Figure 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com