Electronic Components Datasheet Search
  English  ▼

X  

DS2890 Datasheet(PDF) 7 Page - Dallas Semiconductor

Part # DS2890
Description  1-Wire Digital Potentiometer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2890 Datasheet(HTML) 7 Page - Dallas Semiconductor

Back Button DS2890 Datasheet HTML 3Page - Dallas Semiconductor DS2890 Datasheet HTML 4Page - Dallas Semiconductor DS2890 Datasheet HTML 5Page - Dallas Semiconductor DS2890 Datasheet HTML 6Page - Dallas Semiconductor DS2890 Datasheet HTML 7Page - Dallas Semiconductor DS2890 Datasheet HTML 8Page - Dallas Semiconductor DS2890 Datasheet HTML 9Page - Dallas Semiconductor DS2890 Datasheet HTML 10Page - Dallas Semiconductor DS2890 Datasheet HTML 11Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
DS2890
7 of 27
POWER
With the charge pump off, the DS2890 can derive its power entirely from the 1-Wire bus by storing
energy on an internal capacitor during periods of time when the 1-Wire bus is in a high state. During bus
low times the device continues to operate from the energy stored on the internal capacitor; the capacitor is
then recharged when the bus returns to a high state. This technique of operating entirely from the 1-Wire
bus by powering from energy stored on an internal capacitor during bus low times in known as “parasite
powered” operation.
As an option, an auxiliary power source may be connected to the VDD power pin.
The auxiliary power mode is appropriate for applications where device charge pump activation is
necessary, the device may be temporarily disconnected from the 1-Wire bus, or bus low times may be
very long. See Figure 5 for example configurations for both power modes.
Figure 5. POWER SUPPLY CONFIGURATION OPTIONS
(a) Auxiliary VDD Supply Configuration
(b) 1-Wire Parasite Power Configuration
POTENTIOMETER WIPER RESISTANCE AND CHARGE PUMP
CONSIDERATIONS
A simplified diagram of the DS2890 resistor array is shown in Figure 6. In this figure the
rDS resistance
of the wiper transistors in Figure 1 are modeled as wiper resistance RWIPER. The value of RWIPER varies
with device configuration, operational state, and wiper terminal voltage. If an auxiliary external VDD
supply configuration is used as shown In Figure 5a, the DS2890 charge pump may be enabled to reduce
potentiometer wiper resistance. A consequence of enabling the charge pump is increased device power
consumption. This increase is beyond the level that can be supported when operating in 1-Wire parasite
power mode (see POWER section).
Therefore if it is necessary to enable the charge pump in an
application, the power supply configuration as shown in Figure 5a must be used. Figure 7 and Figure 8
are graphs of wiper resistance with the charge pump turned ON and OFF respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com