Electronic Components Datasheet Search
  English  ▼

X  

DS4802 Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS4802
Description  Low Voltage, Micro Power, High Performance, Rail-To-Rail Dual Op-Amp
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS4802 Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS4802 Datasheet HTML 1Page - Dallas Semiconductor DS4802 Datasheet HTML 2Page - Dallas Semiconductor DS4802 Datasheet HTML 3Page - Dallas Semiconductor DS4802 Datasheet HTML 4Page - Dallas Semiconductor DS4802 Datasheet HTML 5Page - Dallas Semiconductor DS4802 Datasheet HTML 6Page - Dallas Semiconductor DS4802 Datasheet HTML 7Page - Dallas Semiconductor DS4802 Datasheet HTML 8Page - Dallas Semiconductor DS4802 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1 of 19
081000
FEATURES
Very low operating power:
12
µA typical per amplifier
High output sink/source capability
Supply Voltage Range 1.8 to 5.5V
Rail-to-Rail Output Swing
Input offset voltage: 0.95 mV max.
ORDERING INFORMATION
Part Number
Description
DS4802
8-pin DIP
DS4802S
8-pin SOIC
DS4802U
8-pin
µ-SOP
DS4802X
8-bump Flip-Chip
PACKAGES/PINOUTS
A
- +
B
-
+
AOUT
AIN-
AIN+
GND
VDD
BOUT
BIN-
BIN+
1
2
3
45
6
7
8
300-mil DIP
150-mil SOIC
118-mil
µ-SOP
8-bump Flip-Chip
DESCRIPTION
The DS4802 BiCMOS dual operational amplifier combines low input offset voltage, very low power
consumption, rail-to-rail output swing, and excellent DC precision. With a maximum input offset voltage
of 0.95 mV, a maximum IDD of 25
µA/amplifier, and 10 pA typical input bias current, the DS4802 is ideal
for measurement, medical, and industrial applications. The DS4802 is also ideal for portable applications
with 1.8 volt to 5.5 volt single supply voltage operation and low power consumption.
www.dalsemi.com
DS4802
Low Voltage, Micro Power, High
Performance, Rail-To-Rail Dual Op-Amp
PRELIMINARY
B
A
-
+
- +
VDD
AOUT
AIN-
AIN+
GND
BIN+
BIN-
BOUT
4
7
8
3
5
2
1
6
For mechanical dimensions see website.


Similar Part No. - DS4802

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
DS48 MSYSTEM-DS48 Datasheet
103Kb / 3P
Plug-in Signal Conditioners M-UNIT
logo
National Semiconductor ...
DS481 NSC-DS481 Datasheet
156Kb / 10P
Low Power RS-485/RS-422 Multipoint Transceiver with Sleep Mode
DS481 NSC-DS481 Datasheet
549Kb / 8P
Low Power RS-485/RS-422 Multipoint Transceiver with Sleep Mode
logo
Texas Instruments
DS481 TI1-DS481 Datasheet
854Kb / 17P
Low Power RS-485/RS-422 Multipoint Transceiver with Sleep Mode
logo
National Semiconductor ...
DS481M NSC-DS481M Datasheet
156Kb / 10P
Low Power RS-485/RS-422 Multipoint Transceiver with Sleep Mode
More results

Similar Description - DS4802

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC7122 MICREL-MIC7122 Datasheet
58Kb / 8P
Rail-to-Rail Dual Op Amp Preliminary Information
logo
Linear Technology
LTC6244 LINER-LTC6244 Datasheet
455Kb / 24P
Dual 50MHz, Low Noise, Rail-to-Rail, CMOS Op Amp
logo
Analog Devices
AD8622 AD-AD8622_09 Datasheet
590Kb / 20P
Dual, Low Power, Precision Rail-to-Rail Output Op Amp
REV. 0
logo
Micrel Semiconductor
MIC7122 MICREL-MIC7122_05 Datasheet
54Kb / 8P
Rail-to-Rail Dual Op Amp
logo
Analog Devices
AD8624ARUZ AD-AD8624ARUZ Datasheet
432Kb / 20P
Low Power, Precision Rail-to-Rail Output Op Amp
REV. C
AD8676 AD-AD8676_15 Datasheet
343Kb / 12P
Dual Rail-to-Rail Output Op Amp
REV. C
logo
Linear Technology
RH6200M LINER-RH6200M_15 Datasheet
159Kb / 10P
Low Noise, High Speed Rail-to-Rail Op Amp
LTC6244 LINER-LTC6244_15 Datasheet
364Kb / 26P
Dual 50MHz, Low Noise, Rail-to-Rail, CMOS Op Amp
logo
Analog Devices
LT6203X AD-LT6203X Datasheet
124Kb / 4P
High Temperature Dual 100MHz, Rail-to-Rail Input Low Power Op Amp
logo
Microchip Technology
MIC7122 MICROCHIP-MIC7122 Datasheet
934Kb / 22P
Rail-to-Rail Dual Op Amp
05/14/19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com