Electronic Components Datasheet Search
  English  ▼

X  

DS4802 Datasheet(PDF) 3 Page - Dallas Semiconductor

Part # DS4802
Description  Low Voltage, Micro Power, High Performance, Rail-To-Rail Dual Op-Amp
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS4802 Datasheet(HTML) 3 Page - Dallas Semiconductor

  DS4802 Datasheet HTML 1Page - Dallas Semiconductor DS4802 Datasheet HTML 2Page - Dallas Semiconductor DS4802 Datasheet HTML 3Page - Dallas Semiconductor DS4802 Datasheet HTML 4Page - Dallas Semiconductor DS4802 Datasheet HTML 5Page - Dallas Semiconductor DS4802 Datasheet HTML 6Page - Dallas Semiconductor DS4802 Datasheet HTML 7Page - Dallas Semiconductor DS4802 Datasheet HTML 8Page - Dallas Semiconductor DS4802 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
DS4802
3 of 19
ELECTRICAL CHARACTERISTICS
(TA: 0
°C – 70°C. VDD = 1.8V)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Input Offset Voltage
(VIC = 0.5V, RS = 50
Ω, V
OUT = VDD/2)
VIO
0.1
0.95
mV
Temperature Coefficient of Input
Offset Voltage
(VIC = 0.5V, RS = 50
Ω, V
OUT = VDD/2)
αV
IO
2
µV/
°C
Input Offset Current
(RS = 50
Ω)
IIO
5
500
pA
Input Bias Current
(RS = 50
Ω)
IIB
10
500
pA
Common-mode Input Voltage Range
(|VIO|
≤ 5 mV, R
S = 50
Ω)
VICR
0 to 1
-0.3 to
1.2
V
High Level Output Voltage
(IOH = -50 µA)
(IOH = -500 µA)
VOH
1.5
1.785
1.65
V
Low Level Output Voltage
(IOL = 50 µA)
(IOL = 500 µA)
VOL
10
100
200
mV
Large Signal Differential Voltage
Amplification
(VIC = 0.5V, 0.4V
≤ V
O
≤ 1.4V) R
L =
100 k
Ω
(VIC = 0.5V, 0.4V
≤ V
O
≤ 1.4V) R
L =
10 k
Ω
AVD
65
55
75
65
dB
Input Resistance
RIN
>10
12
Ω
Common Mode Input Capacitance
ci(c)
24.0
pF
Common Mode Rejection Ratio
(0V
≤ V
IC
≤ 0.8V, R
S = 50
Ω, V
O =
VDD/2)
CMRR
60
75
dB
Supply Voltage Rejection Ratio
(1.8V
≤ V
DD
≤ 3.6V, V
IC = VDD/2, no
load)
kSVR
70
85
dB
Amplifier
Supply
Current
(per
channel)
(VO = VDD/2, no load)
IDD
12
25
µA
Slew Rate at Unity Gain
(RL = 100 k
Ω, C
L = 100 pF tied to
VDD/2)
SR
10
15
V/ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com