Electronic Components Datasheet Search
  English  ▼

X  

DS4802 Datasheet(PDF) 19 Page - Dallas Semiconductor

Part # DS4802
Description  Low Voltage, Micro Power, High Performance, Rail-To-Rail Dual Op-Amp
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS4802 Datasheet(HTML) 19 Page - Dallas Semiconductor

Back Button DS4802 Datasheet HTML 11Page - Dallas Semiconductor DS4802 Datasheet HTML 12Page - Dallas Semiconductor DS4802 Datasheet HTML 13Page - Dallas Semiconductor DS4802 Datasheet HTML 14Page - Dallas Semiconductor DS4802 Datasheet HTML 15Page - Dallas Semiconductor DS4802 Datasheet HTML 16Page - Dallas Semiconductor DS4802 Datasheet HTML 17Page - Dallas Semiconductor DS4802 Datasheet HTML 18Page - Dallas Semiconductor DS4802 Datasheet HTML 19Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 19 / 19 page
background image
DS4802
19 of 19
Figure 27.0
Figure 28.0
GAIN MARGIN
vs
LOAD CAPACITANCE
0
5
10
15
20
25
10
100
1K
CL - Load Capacitance - pF
VDD = 3.0 V
RL = 100K
TA = 25
oC
Rnull = 10K
Rnull = 0
Rnull = 2.2K
Rnull = 4.7K
AC
R
NULL
C
LOAD
R
LOAD
+
-
+VDD/2
-VDD/2
PHASE MARGIN
vs
LOAD CAPACITANCE
0
10
20
30
40
50
60
70
10
100
1K
CL - Load Capacitance - pF
VDD = 3.0 V
RL = 100K
TA = 25
oC
Rnull = 0
Rnull = 10K
Rnull = 4.7K
Rnull = 2.2K
AC
R
NULL
C
LOAD
R
LOAD
+
-
+VDD/2
-VDD/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com