Electronic Components Datasheet Search
  English  ▼

X  

DS4802 Datasheet(PDF) 12 Page - Dallas Semiconductor

Part # DS4802
Description  Low Voltage, Micro Power, High Performance, Rail-To-Rail Dual Op-Amp
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS4802 Datasheet(HTML) 12 Page - Dallas Semiconductor

Back Button DS4802 Datasheet HTML 8Page - Dallas Semiconductor DS4802 Datasheet HTML 9Page - Dallas Semiconductor DS4802 Datasheet HTML 10Page - Dallas Semiconductor DS4802 Datasheet HTML 11Page - Dallas Semiconductor DS4802 Datasheet HTML 12Page - Dallas Semiconductor DS4802 Datasheet HTML 13Page - Dallas Semiconductor DS4802 Datasheet HTML 14Page - Dallas Semiconductor DS4802 Datasheet HTML 15Page - Dallas Semiconductor DS4802 Datasheet HTML 16Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
DS4802
12 of 19
Figure 13.0
Figure 14.0
LARGE-SIGNAL DIFFERENTIAL VOLTAGE AMPLIFICATION
AND PHASE MARGIN
vs
FREQUENCY
-40
-20
0
20
40
1K
10K
100K
1M
f - Fre que ncy - Hz
-90
-45
0
45
90
VDD = 3.0 V
TA = 25
oC
RL = 100K
CL = 100pF
AVD
Phase
LARGE-SIGNAL DIFFERENTIAL VOLTAGE AMPLIFICATION
AND PHASE MARGIN
vs
FREQUENCY
-40
-20
0
20
40
1K
10K
100K
1M
f - Frequency - Hz
-90
-45
0
45
90
VDD = 1.8 V
TA = 25
oC
RL = 100K
CL = 100pF
AVD
Phase



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com