Electronic Components Datasheet Search
  English  ▼

X  

DS4802 Datasheet(PDF) 5 Page - Dallas Semiconductor

Part # DS4802
Description  Low Voltage, Micro Power, High Performance, Rail-To-Rail Dual Op-Amp
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS4802 Datasheet(HTML) 5 Page - Dallas Semiconductor

  DS4802 Datasheet HTML 1Page - Dallas Semiconductor DS4802 Datasheet HTML 2Page - Dallas Semiconductor DS4802 Datasheet HTML 3Page - Dallas Semiconductor DS4802 Datasheet HTML 4Page - Dallas Semiconductor DS4802 Datasheet HTML 5Page - Dallas Semiconductor DS4802 Datasheet HTML 6Page - Dallas Semiconductor DS4802 Datasheet HTML 7Page - Dallas Semiconductor DS4802 Datasheet HTML 8Page - Dallas Semiconductor DS4802 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
DS4802
5 of 19
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
(0V
≤ V
IC
≤ 2V, R
S = 50
Ω, V
O =
VDD/2)
Supply Voltage Rejection Ratio
(1.8V
≤ V
DD
≤ 3.6V, V
IC = VDD/2, no
load)
kSVR
70
85
dB
Amplifier
Supply
Current
(per
channel)
(VO = VDD/2, no load)
IDD
12
25
µA
Slew Rate at Unity Gain
(RL = 100 k
Ω, C
L = 100 pF tied to
VDD/2)
SR
10
15
V/ms
Equivalent Input Noise Voltage
(f = 10 Hz)
(f = 1 kHz)
VN
120
60
nV/
√Hz
Unity Gain Bandwidth Product
(RL = 100 k
Ω, C
L = 100 pF tied to
VDD/2)
UGBW
35
kHz
Phase Margin at Unity Gain
(RL = 100 k
Ω, C
L = 100 pF tied to
VDD/2)
φ
M
60
Degree
Gain Margin
(RL = 100 k
Ω, C
L = 100 pF tied to
VDD/2)
17
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com