Electronic Components Datasheet Search
  English  ▼

X  

ICLS602X Datasheet(PDF) 18 Page - Infineon Technologies AG

Part # ICLS602X
Description  LED System Driver ICs
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ICLS602X Datasheet(HTML) 18 Page - Infineon Technologies AG

Back Button ICLS602X Datasheet HTML 14Page - Infineon Technologies AG ICLS602X Datasheet HTML 15Page - Infineon Technologies AG ICLS602X Datasheet HTML 16Page - Infineon Technologies AG ICLS602X Datasheet HTML 17Page - Infineon Technologies AG ICLS602X Datasheet HTML 18Page - Infineon Technologies AG ICLS602X Datasheet HTML 19Page - Infineon Technologies AG ICLS602X Datasheet HTML 20Page - Infineon Technologies AG ICLS602X Datasheet HTML 21Page - Infineon Technologies AG ICLS602X Datasheet HTML 22Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 33 page
background image
LED System Driver ICs
ICLS6x Series
Functional Description
Data Sheet
18
Version 1.0, 2011-05-19
3.5
Current Limiting
Figure 10
Current limiting
Cycle-by-cycle current limiting realized by the current limit comparator C10 to provide overcurrent detection (see
Figure 10
). The source current of the integrated depletion CoolMOS™ is sensed by means of an external sense
resistor RSense. By means of RSense the source current is transformed to a sense voltage VSense which is fed to the
CS pin. If VSense exceeds the internal threshold voltage Vcsth the comparator C10 immediately turns off the gate
drive by resetting the PWM latch FF1. A Propagation Delay Compensation circuit is added to support immediate
shutdown without delay of the integrated internal CoolMOS™ in the case of current limiting. The influence of the
AC input voltage on the maximum output power can be suppressed as a result.
To prevent the current limiting function from causing distortions by leading edge spikes, a Leading Edge Blanking
circuit is integrated into the current sense path for the comparator C10 and the PWM OP.
Current Limiting
C10
Propagation Delay
Compensation
V
csth
PWM Latch
FF1
10k
Ω
D1
1pF
PWM-OP
CS
Leading
Edge
Blanking
220 ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com