Electronic Components Datasheet Search
  English  ▼

X  

ICLS602X Datasheet(PDF) 25 Page - Infineon Technologies AG

Part # ICLS602X
Description  LED System Driver ICs
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ICLS602X Datasheet(HTML) 25 Page - Infineon Technologies AG

Back Button ICLS602X Datasheet HTML 21Page - Infineon Technologies AG ICLS602X Datasheet HTML 22Page - Infineon Technologies AG ICLS602X Datasheet HTML 23Page - Infineon Technologies AG ICLS602X Datasheet HTML 24Page - Infineon Technologies AG ICLS602X Datasheet HTML 25Page - Infineon Technologies AG ICLS602X Datasheet HTML 26Page - Infineon Technologies AG ICLS602X Datasheet HTML 27Page - Infineon Technologies AG ICLS602X Datasheet HTML 28Page - Infineon Technologies AG ICLS602X Datasheet HTML 29Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 33 page
background image
LED System Driver ICs
ICLS6x Series
Electrical Characteristics
Data Sheet
25
Version 1.0, 2011-05-19
4.2
Operating Range
The IC operates as described in the functional description once the values listed here lie within the operating
range.
4.3
Characteristics
4.3.1
Supply Section
The electrical characteristics involve the spread of values guaranteed within the specified supply voltage and
junction temperature range TJ from –25 °C to 130 °C. Typical values represent the median values, which are
related to 25 °C. Unless otherwise stated, a supply voltage of VCC = 18 V is assumed.
Parameter
Symbol
Limit Values
Unit
Remarks
min.
max.
VCC supply voltage
VVCC
VVCCoff
26
V
Junction temperature of controller
TjCon
–25
130
°C
Max. value limited due to
integrated thermal shutdown
Junction temperature of
CoolMOS™
TJCoolMOS
–25
150
°C
Parameter
Symbol
Limit Values
Unit
Remarks
min.
typ.
max.
Startup current
IVCCstart
–
300
450
µ
AVVCC = 17 V
VCC charge current
IVCCcharge1
5.0
mA
VVCC = 0 V
IVCCcharge2
0.55
1.05
1.60
mA
VVCC = 1 V
IVCCcharge3
–0.88
–
mA
VVCC = 17 V
Leakage current of the
startup cell & CoolMOS™
IStartLeak
–0.2
50
µ
AVDrain= 450 V
at Tj = 100 °C
Supply current with
inactive gate
IVCCsup1
–
1.7
2.5
mA
Soft Start pin is open
Supply current with active gate
IVCCsup3
–2.5
3.6
mA
VSoftS = 3.0 V
IFB = 0
Supply current in Auto Restart
mode with inactive gate
IVCCrestart
–
300
–
µ
AIFB = 0
ISoftS = 0
Supply current in Floating Load
Protection (FLP) mode with
inactive gate
IVCCFLP1
–
500
950
µ
AVFB = 2.5 V
ISoftS = 3.0 V
IVCCFLP2
–
500
950
µ
AVCC = 11.5 V
VFB = 2.5 V
ISoftS = 3.0 V
VCC turn-on threshold
VCC Turn-off threshold
VCC Turn-on/off hysteresis
VVCConVVCCo
ffVVCChys
17.0
9.6
–
18.0
10.3
7.7
19.0
11.0
–
V
V
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com