Electronic Components Datasheet Search
  English  ▼

X  

ICLS602X Datasheet(PDF) 19 Page - Infineon Technologies AG

Part # ICLS602X
Description  LED System Driver ICs
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ICLS602X Datasheet(HTML) 19 Page - Infineon Technologies AG

Back Button ICLS602X Datasheet HTML 15Page - Infineon Technologies AG ICLS602X Datasheet HTML 16Page - Infineon Technologies AG ICLS602X Datasheet HTML 17Page - Infineon Technologies AG ICLS602X Datasheet HTML 18Page - Infineon Technologies AG ICLS602X Datasheet HTML 19Page - Infineon Technologies AG ICLS602X Datasheet HTML 20Page - Infineon Technologies AG ICLS602X Datasheet HTML 21Page - Infineon Technologies AG ICLS602X Datasheet HTML 22Page - Infineon Technologies AG ICLS602X Datasheet HTML 23Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 33 page
background image
LED System Driver ICs
ICLS6x Series
Functional Description
Data Sheet
19
Version 1.0, 2011-05-19
3.5.1
Leading Edge Blanking
Each time when the integrated internal CoolMOS™ is switched on, a leading edge spike is generated due to the
primary-side capacitances and secondary-side rectifier reverse recovery time. This spike can cause the gate drive
to switch off unintentionally. To avoid premature termination of the switching pulse, this spike is blanked out with
a time constant of tLEB = 220 ns. During this time, the gate drive will not be switched off. This is illustrated in
Figure 11
.
Figure 11
Leading edge blanking
3.5.2
Propagation Delay Compensation
In the case of overcurrent detection, switch-off of the integrated internal CoolMOS™ is delayed due to the
propagation delay of the circuit. This delay causes an overshoot of the peak current Ipeak, which depends on the
ratio of dI/dt of the peak current (see Figure 12).
Figure 12
Peak current overshooting
The overshoot of Signal2 is greater than that of Signal1 due to the steeper rising waveform. This change in the
slope varies according to the AC input voltage. A Propagation Delay Compensation circuit is integrated to limit the
overshoot dependency on dI/dt of the rising primary current. This means that the propagation delay between the
time the current sense threshold Vcsth is exceeded and switch-off of the integrated inernal CoolMOS™ is
compensated over temperature within a wide range.
t
VSense
Vcsth
tLEB = 220ns
t
ISense
ILimit
tPropagation Delay
IOvershoot1
Ipeak1
Signal1
Signal2
IOvershoot2
Ipeak2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com