Electronic Components Datasheet Search
  English  ▼

X  

ICLS602X Datasheet(PDF) 23 Page - Infineon Technologies AG

Part # ICLS602X
Description  LED System Driver ICs
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ICLS602X Datasheet(HTML) 23 Page - Infineon Technologies AG

Back Button ICLS602X Datasheet HTML 19Page - Infineon Technologies AG ICLS602X Datasheet HTML 20Page - Infineon Technologies AG ICLS602X Datasheet HTML 21Page - Infineon Technologies AG ICLS602X Datasheet HTML 22Page - Infineon Technologies AG ICLS602X Datasheet HTML 23Page - Infineon Technologies AG ICLS602X Datasheet HTML 24Page - Infineon Technologies AG ICLS602X Datasheet HTML 25Page - Infineon Technologies AG ICLS602X Datasheet HTML 26Page - Infineon Technologies AG ICLS602X Datasheet HTML 27Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 33 page
background image
LED System Driver ICs
ICLS6x Series
Functional Description
Data Sheet
23
Version 1.0, 2011-05-19
The other fault detection function which can result in the Auto Restart mode during startup and has the 8.0 µs
blanking time is for overtemperature detection. This block checks for a junction temperature of higher than 140 °C
for malfunctioning operation.
Once Auto Restart mode is entered, the internal bias is switched off in order to reduce the current consumption of
the IC as much as possible. In this mode, the average current consumption is only 300 µA as the only working
blocks are the reference block and the Undervoltage Lockout (UVLO), which controls the startup cell by switching
on/off at VVCCon/VVCCoff.
As there is no longer a self supply provided by the auxiliary winding, VCC starts to drop. The UVLO switches on
the integrated startup cell when VCC falls below 10.3 V. It continues to charge VCC up to 18 V, at which point it
is switched off again and the IC enters the startup phase.
Once all fault conditions have been removed, the IC automatically powers up as usual with a switching cycle at
the GATE output after the soft start period has elapsed – hence the name Auto Restart mode.
3.6.2.2
Auto Restart Mode during RUN Mode
In the case of overload or open loop, the FB voltage exceeds 4.5 V, which is observed by C4. At this time, the
external soft start capacitor can then be further charged by the integrated pull-up resistor RSoftS via the switch S3
(see Figure 15). If VSoftS exceeds 4.0 V, which is observed by C3, Auto Restart mode during RUN mode is
activated as both inputs of the gate G5 are high.
Figure 17
Auto Restart mode during RUN mode
This charging of the soft start capacitor from 3.2 V ~ 3.6 V to 4.0 V defines a blanking window, which prevents the
system from entering Auto Restart mode during RUN mode unintentionally during large load jumps. In this event,
FB will rise close to 5.0 V for a short duration before the loop regulates FB to less than 4.5 V.
In the case of VCC undervoltage – i.e., VCC falls below 10.3 V, the IC is turned off with the startup cell charging
VCC as described earlier in this section. Once VCC is charged to above 18 V, the IC starts a new startup cycle.
This blanking time window for the Floating Load Protection mode can be forced via the external CSoftS capacitor.
3.6.2.3
Floating Load Protection (FLP)
The circuit starts up as usual, but a missing load leads to a rise in the output and auxiliary voltages.
Reaching the VCC threshold of 24.5 V (voltage divider RD2/R4 and Q2) leads to a reduction in the feedback
voltage and hence to reduced output current pulses in order to keep the output voltage below the maximum rating
of the components. If the feedback level falls below 1.35 V, the Soft Start voltage begins to rise up to a threshold
of 4 V (depends on the C4 value) and the IC is switched into the FLP mode.
C3
4.0V
C4
4.5V
&
G5
Control Unit
SoftS
Internal
Bias
Auto
Restart
Mode
FB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com