Electronic Components Datasheet Search
  English  ▼

X  

ZIOL2201 Datasheet(PDF) 24 Page - List of Unclassifed Manufacturers

Part # ZIOL2201
Description  IO-Link compliant HV Line Driver IC Family
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZIOL2201 Datasheet(HTML) 24 Page - List of Unclassifed Manufacturers

Back Button ZIOL2201 Datasheet HTML 20Page - List of Unclassifed Manufacturers ZIOL2201 Datasheet HTML 21Page - List of Unclassifed Manufacturers ZIOL2201 Datasheet HTML 22Page - List of Unclassifed Manufacturers ZIOL2201 Datasheet HTML 23Page - List of Unclassifed Manufacturers ZIOL2201 Datasheet HTML 24Page - List of Unclassifed Manufacturers ZIOL2201 Datasheet HTML 25Page - List of Unclassifed Manufacturers ZIOL2201 Datasheet HTML 26Page - List of Unclassifed Manufacturers ZIOL2201 Datasheet HTML 27Page - List of Unclassifed Manufacturers ZIOL2201 Datasheet HTML 28Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 91 page
background image
ZIOL2xxx – IC Family
IO-Link compliant HV Line Driver IC Family
Data Sheet
January 31, 2012
© 2012 Zentrum Mikroelektronik Dresden AG — Rev. 2.2.1
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is PRELIMINARY and subject to
changes without notice.
24 of 90
Figure 3.6 Typical IO-Link Device Configuration with HS driver only
Table 3.4
Sink Mode Configuration in Detail
Register[2][1:0]
Register[4][1:0]
Mode
Sink enabling
Remark
00
n.a.
Sink steady disabled
OFF
Device
Mode
1)
Sink steady disabled
01
Master
Mode
2)
Sink enabled if:
TX_EN/SPI_CLK = low (COM)
AUX_EN = low (AUX)
Typical application mode for the
IO-Link channel:
device: no sink
master: sink enabled contrary to
the corresponding driver enable
signal
10
n.a.
Sink enabled if:
TX_EN/SPI_CLK = low (COM)
AUX_EN = low (AUX)
Enabling contrary to the driver
enable signal;
sink is only enabled while the driver
is disabled. (helps to reduce the
system’s power dissipation)
11
n.a.
steady enabled
ON
1) MASTER_MODE flag (configuration register MASTER_SENS_CTRL[7] is cleared (=0).
2) MASTER_MODE flag (configuration register MASTER_SENS_CTRL[7] is set (=1).
3.3.
System Control
3.3.1.
General
The system control provides device configuration, status signaling and SPI data transfer functionality.
Implemented are several register areas which contain configuration data and which provide status information. In
order to gain read/write access to these register areas, the standard serial peripheral interface (SPI) is



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com