Electronic Components Datasheet Search
  English  ▼

X  

ZIOL2201 Datasheet(PDF) 65 Page - List of Unclassifed Manufacturers

Part # ZIOL2201
Description  IO-Link compliant HV Line Driver IC Family
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZIOL2201 Datasheet(HTML) 65 Page - List of Unclassifed Manufacturers

Back Button ZIOL2201 Datasheet HTML 61Page - List of Unclassifed Manufacturers ZIOL2201 Datasheet HTML 62Page - List of Unclassifed Manufacturers ZIOL2201 Datasheet HTML 63Page - List of Unclassifed Manufacturers ZIOL2201 Datasheet HTML 64Page - List of Unclassifed Manufacturers ZIOL2201 Datasheet HTML 65Page - List of Unclassifed Manufacturers ZIOL2201 Datasheet HTML 66Page - List of Unclassifed Manufacturers ZIOL2201 Datasheet HTML 67Page - List of Unclassifed Manufacturers ZIOL2201 Datasheet HTML 68Page - List of Unclassifed Manufacturers ZIOL2201 Datasheet HTML 69Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 91 page
background image
ZIOL2xxx – IC Family
IO-Link compliant HV Line Driver IC Family
Data Sheet
January 31, 2012
© 2012 Zentrum Mikroelektronik Dresden AG — Rev. 2.2.1
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is PRELIMINARY and subject to
changes without notice.
65 of 90
Figure 4.3 Power Line Fail Detection
ZIOL2401
AUX_EN
AUX_TX
WURQ
RX
TX
TX_EN
INT_L
RST_L
PFD
SW
FB
VDD
COM_O
VSS
LR_IN
LR_OUT
COM_I
AUX_O
Standard
Cable
Device (Sensor)
L1
R1
R2
C1
C3
C5
D1
C4
D2
D3
D6
D5
Vout
DC_RDY
L+
L-
C/Q
D7
D4
AUX_I
AUX_RX
C2
R4
R3
R3 and R4 which perform
the line voltage sensor
shall connected directly to
the cable (L+/L-).
The PCB layout design requires considering several recommendations. In particular the placement of decoupling
capacitors and the placement external components that perform the DC/DC converter circuits shall be done
carefully. Recommendations are:
Low resistive and low inductive ground interconnections due to metal ground areas surrounding the IC
or/and using a special “Ground” PCB layer.
The wiring of the channel driver output shall consider that the wires are designed for currents up to
500mA (depending on the IC configuration) and in combination with that wiring for VDD and VSS shall
designed for currents up to 1A.
Decoupling capacitors related to the IC pins VDD and LR_OUT (and LR_IN if applicable) shall placed
as close as possible to the IC pin.
The DC/DC converter requires an external Schottky-diode as free-wheel diode. Its anode shall be
interconnected to the SW pin. It is important that its cathode has good (short) ground connection. With
respect to all to the SW pin interconnected devices (free-wheel diode and inductor L1) all wires have to
be kept as short as possible. Moreover, the PCB design shall make sure that the parasitic coupling
between the node belonging to the SW pin and the node belonging to the FB pin of the IC is
minimized.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com