Electronic Components Datasheet Search
  English  ▼

X  

ZIOL2201 Datasheet(PDF) 40 Page - List of Unclassifed Manufacturers

Part # ZIOL2201
Description  IO-Link compliant HV Line Driver IC Family
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZIOL2201 Datasheet(HTML) 40 Page - List of Unclassifed Manufacturers

Back Button ZIOL2201 Datasheet HTML 36Page - List of Unclassifed Manufacturers ZIOL2201 Datasheet HTML 37Page - List of Unclassifed Manufacturers ZIOL2201 Datasheet HTML 38Page - List of Unclassifed Manufacturers ZIOL2201 Datasheet HTML 39Page - List of Unclassifed Manufacturers ZIOL2201 Datasheet HTML 40Page - List of Unclassifed Manufacturers ZIOL2201 Datasheet HTML 41Page - List of Unclassifed Manufacturers ZIOL2201 Datasheet HTML 42Page - List of Unclassifed Manufacturers ZIOL2201 Datasheet HTML 43Page - List of Unclassifed Manufacturers ZIOL2201 Datasheet HTML 44Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 91 page
background image
ZIOL2xxx – IC Family
IO-Link compliant HV Line Driver IC Family
Data Sheet
January 31, 2012
© 2012 Zentrum Mikroelektronik Dresden AG — Rev. 2.2.1
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is PRELIMINARY and subject to
changes without notice.
40 of 90
Reg.-Name
Addr.
Bit-Field
Bit Reset-
Value
r/w
Comment
Reference
4
AUX_PULLDOWN_EN
5
0
r/w
Pull-Down Enable for
AUX-Channel
4
AUX_CULI
4:3
0
r/w
Current Limit
4
AUX_NOCULI
2
0
r/w
Current-Limiting
disabled
4
AUX_SINK_MODE
1:0
0
r/w
Sink-Mode
OVT_LOCK_TIME
5
7:0
200
r/w
Over-temperature:
time until lock is
released
Figure 3.17
COM_LOCK_TIME
6
7:0
100
r/w
Overload: time until
Lock is released
Figure 3.15
Figure 3.16
MASTER_SENS_CTRL
7
7:0
1
r/w
Over-temperature
Figure 3.18
7
MASTER_MODE
7
0
r/w
Master mode
enabled, influences
the data path and the
receiver’s current
sinks in IO-Link mode
Added in
Rev B
7
EN_FOLLOW_PRIM_CH
6
0
r/w
The secondary
channel:
0 = uses a separate
enable signal
1 = uses the enable
of the prim. ch.
Added in
Rev B
7
PRIMARY_MASTER_CH
5
0
r/w
Defines the primary
channel:
0 = COM
1 = AUX
Added in
Rev B
7
RESERVED
4
0
r/w
RESERVED
7
OVT_RED
3
0
r/w
OVT level set to
“Red”
7
OVT_ORANGE
2
0
r/w
OVT level set to
“Orange”
7
OVT_YELLOW
1
0
r/w
OVT level set to
“Yellow”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com