Electronic Components Datasheet Search
  English  ▼

X  

ZIOL2201 Datasheet(PDF) 56 Page - List of Unclassifed Manufacturers

Part # ZIOL2201
Description  IO-Link compliant HV Line Driver IC Family
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZIOL2201 Datasheet(HTML) 56 Page - List of Unclassifed Manufacturers

Back Button ZIOL2201 Datasheet HTML 52Page - List of Unclassifed Manufacturers ZIOL2201 Datasheet HTML 53Page - List of Unclassifed Manufacturers ZIOL2201 Datasheet HTML 54Page - List of Unclassifed Manufacturers ZIOL2201 Datasheet HTML 55Page - List of Unclassifed Manufacturers ZIOL2201 Datasheet HTML 56Page - List of Unclassifed Manufacturers ZIOL2201 Datasheet HTML 57Page - List of Unclassifed Manufacturers ZIOL2201 Datasheet HTML 58Page - List of Unclassifed Manufacturers ZIOL2201 Datasheet HTML 59Page - List of Unclassifed Manufacturers ZIOL2201 Datasheet HTML 60Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 91 page
background image
ZIOL2xxx – IC Family
IO-Link compliant HV Line Driver IC Family
Data Sheet
January 31, 2012
© 2012 Zentrum Mikroelektronik Dresden AG — Rev. 2.2.1
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is PRELIMINARY and subject to
changes without notice.
56 of 90
3.5.
The Power Fail Detector
3.5.1.
Overview
The Power-Fail detector function is split into two tasks. The first task is the “Line-Fault” (LF) detection which shall
recognize a situation in which the ZIOL2xxx is not powered regularly. This situation can happen if for instance the
wiring between device and host port is not performed in the right way (interchanged wires, broken wires).
The second task is the “Under-Voltage” (UV) detector which monitors the supply voltage at the VDD pin of the
ZIOL2xxx. The purpose of this detector is ensure a proper working of the HV drivers COM and AUX which is not
guaranteed if the supply voltage at VDD drops below the allowed minimum value.
Figure 3.20 illustrated the working principle of both the LF and the UV detector in combination with the further
processing to the detected events (LINE_FAULT and UNDER_VOLTAGE). Based on the IC configuration
(LF_ENABLE, UV_ENABLE flags) each event (or both events) may activate the lock for both channels exactly for
the period the respective event is present. The new status register [26] allows diagnosing what event is present or
was present in the past.
Figure 3.20 PFD Working Principle
3.5.2.
Line-Fault Detector
The Line-Fault (LF) detection feature assumes the utilization of both channels in device mode. In the case one
channel is used only, the number of detectable failures be reduced accordingly. For more information about
detectable failures, please refer to the Appendix C.
The optional (configurable) detection of the situation of an abnormal power supply of the IC will be achieved by a
ratiometric working voltage sensor. As sensor input works the PFD pin (formerly M_EN) in combination with two



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com