Electronic Components Datasheet Search
  English  ▼

X  

ZIOL2201 Datasheet(PDF) 41 Page - List of Unclassifed Manufacturers

Part # ZIOL2201
Description  IO-Link compliant HV Line Driver IC Family
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZIOL2201 Datasheet(HTML) 41 Page - List of Unclassifed Manufacturers

Back Button ZIOL2201 Datasheet HTML 37Page - List of Unclassifed Manufacturers ZIOL2201 Datasheet HTML 38Page - List of Unclassifed Manufacturers ZIOL2201 Datasheet HTML 39Page - List of Unclassifed Manufacturers ZIOL2201 Datasheet HTML 40Page - List of Unclassifed Manufacturers ZIOL2201 Datasheet HTML 41Page - List of Unclassifed Manufacturers ZIOL2201 Datasheet HTML 42Page - List of Unclassifed Manufacturers ZIOL2201 Datasheet HTML 43Page - List of Unclassifed Manufacturers ZIOL2201 Datasheet HTML 44Page - List of Unclassifed Manufacturers ZIOL2201 Datasheet HTML 45Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 91 page
background image
ZIOL2xxx – IC Family
IO-Link compliant HV Line Driver IC Family
Data Sheet
January 31, 2012
© 2012 Zentrum Mikroelektronik Dresden AG — Rev. 2.2.1
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is PRELIMINARY and subject to
changes without notice.
41 of 90
Reg.-Name
Addr.
Bit-Field
Bit Reset-
Value
r/w
Comment
Reference
7
OVT_GREEN
0
1
r/w
OVT level set to
“Green”
OVT_ASSERT_TIME
8
7:0
100
r/w
Over-temperature:
time until lock is
asserted
Figure 3.17
OVT_PFD_CTRL
9
6:0
15
r/w
OVT and Power-Fail
control
Figure 3.17
9
LINE_FAULT_EN
6
0
r/w
Enables Line-fault
(LF) detection
Added in
Rev B
9
UNDER_VOLTAGE_EN
5
0
r/w
Enables Under-
Voltage (UV)
detection
Added in
Rev B
9
OVT_TBASE
4:3
1
r/w
Over-temperature:
time base
9
OVT_LOCK_TIME_RST
2
1
r/w
Over-temperature:
reset lock (also) time
based
9
OVT_LOCK_EN
1
1
r/w
Over-temperature:
enable lock
9
OVT_EN
0
1
r/w
Over-temperature:
enable OVT-
measurement and
control
COM_ASSERT_TIME
10
7:0
50
r/w
COM-Overload: time
until lock is asserted
Figure 3.15
COM_MON_CTRL
11
6:0
63
r/w
Figure 3.15
11 COM_OVL_TBASE
6:5
1
r/w
COM-Overload: time
base
11 COM_LOCK_TIME_RST
4
1
r/w
COM-Overload: reset
lock (also) time
based
11 COM_HS_LOCK_EN
3
1
r/w
COM-Overload:
enable HighSide-lock
11 COM_LS_LOCK_EN
2
1
r/w
COM-Overload:
enable LowSide-lock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com