Electronic Components Datasheet Search
  English  ▼

X  

SP42742 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # SP42742
Description  75  Terminated, 5 - 2200 MHz SPDT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

SP42742 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  SP42742 Datasheet HTML 1Page - SIPAT Co,Ltd SP42742 Datasheet HTML 2Page - SIPAT Co,Ltd SP42742 Datasheet HTML 3Page - SIPAT Co,Ltd SP42742 Datasheet HTML 4Page - SIPAT Co,Ltd SP42742 Datasheet HTML 5Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Page 1 of 10
4x4 mm 20-lead QFN
The SP42742 is an SPDT CMOS Switch designed for
Broadband applications such as CATV, DTV, Multi-Tuner
DVR (Digital Video Recorder), Set-top Box, PCTV and Game
Boxes. It meets FCC 15.115 spec of 80 dB isolation @ 216
MHz and offers high isolation and low insertion loss in both a
powered and a unique unpowered default state. The
SP42742 covers a broad frequency range from 5 MHz to
beyond 2200 MHz with a single positive supply and CMOS
control. It provides a smaller, cost effective, more reliable
and manufacturable alternative to mechanical relays in set-
top box applications.
The SP42742 is manufactured on SIPAT’s CMOS
process, a patented variation of silicon-on-insulator (SOI)
technology on a sapphire substrate, offering the performance
of GaAs with the economy and integration of conventional
CMOS.
Product Specification
Product Description
Figure 1. Functional Diagram
SP42742
Features
• Meets FCC 15.115 spec of 80 dB
isolation @ 216 MHz
• Unpowered operational state
• 3500 V HBM ESD tolerance, All Pins
• CTB performance of 90 dBc
• High isolation: 63 dB at 1000 MHz
• Low insertion loss: typically 0.5 dB at
5 MHz, 0.8 dB at 1000 MHz
• CMOS single-pin control with logic
select
• Single +3 volt supply operation
• Low current consumption: 8 µA
75
Terminated, 5 - 2200 MHz SPDT
CATV CMOS Switch
Featuring Unpowered Operation
Figure 2. Package Type
RF1
RF2
75Ω
75Ω
CMOS
Control
Driver
ESD
ESD
RFC
C1
C2
Tel: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com


Similar Part No. - SP42742

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
SP4272 SIPAT-SP4272 Datasheet
660Kb / 10P
SPDT Broadband CMOS
SP4273 SIPAT-SP4273 Datasheet
624Kb / 10P
SPDT Broadband COMS
More results

Similar Description - SP42742

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE42742 PEREGRINE-PE42742 Datasheet
301Kb / 10P
75 廓 Terminated - 2200 MHz SPDT CATV UltraCMOS??Switch Featuring Unpowered Operation
PE42750 PEREGRINE-PE42750 Datasheet
634Kb / 9P
75  Terminated 5 - 2200 MHz SPDT CATV UltraCMOS??Switch Featuring Unpowered Operation
logo
M/A-COM Technology Solu...
MASWSS0201 MA-COM-MASWSS0201 Datasheet
139Kb / 6P
GaAs Broadband 75 Ohm Default-On, SPDT Terminated Switch
logo
Peregrine Semiconductor
PE42742 PSEMI-PE42742_14 Datasheet
916Kb / 10P
75 廓 Terminated, 5 - 2200 MHz SPDT CATV UltraCMOS??Switch
PE42750 PSEMI-PE42750_14 Datasheet
1Mb / 10P
75 廓 Terminated 5 - 2200 MHz SPDT CATV UltraCMOS짰 Switch
logo
Peregrine Semiconductor...
PE42742 PEREGRINE-PE42742 Datasheet
326Kb / 10P
75 廓 Terminated, 5 - 2200 MHz SPDT
PE42750 PEREGRINE-PE42750 Datasheet
450Kb / 10P
75 廓 Terminated 5 - 2200 MHz SPDT
logo
M/A-COM Technology Solu...
MASWSS0201 MA-COM-MASWSS0201_15 Datasheet
674Kb / 7P
GaAs Broadband 75 Ohm Default-On, SPDT Terminated Switch
logo
Peregrine Semiconductor
PE42742MLIBB-Z PSEMI-PE42742MLIBB-Z Datasheet
916Kb / 10P
75 廓 Terminated, 5 - 2200 MHz SPDT CATV UltraCMOS??Switch Featuring Unpowered Operation
PE42750MLAA-Z PSEMI-PE42750MLAA-Z Datasheet
518Kb / 10P
75 廓 Terminated 5 - 2200 MHz SPDT CATV UltraCMOS짰 Switch Featuring Unpowered Operation
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com