Electronic Components Datasheet Search
  English  ▼

X  

SP42742 Datasheet(PDF) 2 Page - SIPAT Co,Ltd

Part # SP42742
Description  75  Terminated, 5 - 2200 MHz SPDT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

SP42742 Datasheet(HTML) 2 Page - SIPAT Co,Ltd

  SP42742 Datasheet HTML 1Page - SIPAT Co,Ltd SP42742 Datasheet HTML 2Page - SIPAT Co,Ltd SP42742 Datasheet HTML 3Page - SIPAT Co,Ltd SP42742 Datasheet HTML 4Page - SIPAT Co,Ltd SP42742 Datasheet HTML 5Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Product Specification
SP42742
Page 2 of 10
Table 1. Electrical Specifications @ +25 °C, VDD = +3 V (ZS = ZL = 75
)
Notes:
1. Device linearity will begin to degrade with input signals below 5 MHz.
2. Measured in a 50
system.
3. Measured with a 1 ns risetime, 0/3 V pulse and 500 MHz bandwidth
4. Minimum per FCC 15.115 spec
5. See Figure 9 for Power-Off insertion loss of RFC-RF1
Table 2. Electrical Characterization (Unpowered Operation)
5
Parameter
Condition
Minimum
Typical
Maximum
Units
Operating Frequency
5
2200
MHz
RF1-RFC Insertion Loss
220 MHz
0.45
0.55
dB
550 MHz
0.55
0.65
dB
810 MHz
0.7
0.8
dB
2200 MHz
1.7
1.8
dB
RF2-RFC Insertion Loss
220 MHz
0.7
0.8
dB
550 MHz
0.8
0.9
dB
810 MHz
0.9
1
dB
2200 MHz
1.8
1.9
dB
Isolation RF1 to RF2 (RFC-RF1 ON)
220 MHz
81
94
dB
550 MHz
77
82
dB
810 MHz
71.5
76
dB
2200 MHz
50
53.6
dB
Isolation RF1 to RF2 (RFC-RF2 ON)
220 MHz
81
92
dB
550 MHz
75
79
dB
810 MHz
70.5
75
dB
2200 MHz
50
53
dB
Isolation RF1 to RFC (RFC-RF2 ON)
220 MHz
71
74
dB
550 MHz
64
66
dB
810 MHz
62
64
dB
2200 MHz
52
57
dB
Isolation RF2 to RFC (RFC-RF1 ON)
220 MHz
70.5
73
dB
550 MHz
64
66
dB
810 MHz
61.5
63
dB
2200 MHz
51
55
dB
IP2 RF1/RF22
5 MHz – 1000 MHz
90/90
dBm
IIP3 RF1/RF22
5 MHz – 1000 MHz
53/53
dBm
Input 1 dB Compression RF1/RF22
1000 MHz
30/24.5
32/26.5
dBm
Switching time
50 % CTRL to 10 / 90 RF
3
µs
Video Feedthrough3
5 MHz – 1000MHz
20
mVpp
CTB / CSO
(Powered/Unpowered)
77 & 110 channels;
Power Out = 44 dBmV
-90 / -77
dBc
Parameter
Condition
Minimum
Typical
Maximum
Units
Operating Frequency1
5
2200
MHz
Isolation RF1 to RF24
220 MHz
550 MHz
810 MHz
2200 MHz
81
77
70.5
49
90.5
81.5
77
52.5
-
-
-
-
dB
dB
dB
dB
Tel: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com