Electronic Components Datasheet Search
  English  ▼

X  

SP42742 Datasheet(PDF) 4 Page - SIPAT Co,Ltd

Part # SP42742
Description  75  Terminated, 5 - 2200 MHz SPDT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

SP42742 Datasheet(HTML) 4 Page - SIPAT Co,Ltd

  SP42742 Datasheet HTML 1Page - SIPAT Co,Ltd SP42742 Datasheet HTML 2Page - SIPAT Co,Ltd SP42742 Datasheet HTML 3Page - SIPAT Co,Ltd SP42742 Datasheet HTML 4Page - SIPAT Co,Ltd SP42742 Datasheet HTML 5Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Product Specification
SP42742
Page 4 of 10
Figure 4. Typical Application (1 of 4)
Table 7. Truth Table
VDD
C1 (pin 17)
C2 (pin 16)
RFC – RF1
RFC – RF2
OFF
Low
Low
ON
OFF
ON
Low
Low
ON
OFF
ON
Low
High
OFF
ON
ON
High
Low
OFF
ON
ON
High
High
ON
OFF
Note: A versatile logic table has been established to allow either C1 or C2
act as a single pin control and in either polarity.
Typical Applications
The SP42742 provides the high isolation required
by FCC part 15.115 regulation between the
television antenna and the cable plant. The
advantage of the SP42742 is that device
isolation / thru performance is maintained when
power is removed. This unique feature makes the
SP42742 ideal for set-top box and VCR
applications. The SP42742 supports signal flow
from RFC to RF1 and RF2 termination in the
unpowered state; similar to the powered state with
C1=C2 (both high or low).
DTV-Tuner
SP42742
SPDT
DTV Tuner
Antenna Input
CATV Input
80dB 54 – 216MHz
60dB 216 – 550MHz
55dB 550 – 806MHz
Power
Splitter
Power
Splitter
SP42742
SPDT
Dual Tuner DTV / DVR / Set-top Box
Television
RF
Splitter
Antenna/Cable
Input
PVR/VCR/Game Box
SP42742
SPDT
Tuner/
Modulator
OFF – Pass Through
Tuner
CATV Input
OFF – Terminated
TV Set / Cable Set-top Box
75
SP42742 SPDT
Figure 5. Typical Application (2 of 4)
Figure 7. Typical Application (4 of 4)
Figure 6. Typical Application (3 of 4)
DTV-Tuner
SP42742
SPDT
Antenna Input
CATV Input
80dB 54 – 216MHz
60dB 216 – 550MHz
55dB 550 – 806MHz
Tel: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com