Electronic Components Datasheet Search
  English  ▼

X  

SP42742 Datasheet(PDF) 5 Page - SIPAT Co,Ltd

Part # SP42742
Description  75  Terminated, 5 - 2200 MHz SPDT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

SP42742 Datasheet(HTML) 5 Page - SIPAT Co,Ltd

  SP42742 Datasheet HTML 1Page - SIPAT Co,Ltd SP42742 Datasheet HTML 2Page - SIPAT Co,Ltd SP42742 Datasheet HTML 3Page - SIPAT Co,Ltd SP42742 Datasheet HTML 4Page - SIPAT Co,Ltd SP42742 Datasheet HTML 5Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Product Specification
SP42742
Page 5 of 10
Typical Performance Data @ 25°C, 75
Figure 8. Insertion Loss – Power On
Figure 9. Insertion Loss – Power Off
Figure 10. Isolation - Power On
Figure 11. Isolation - Power Off
Tel: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com